전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL34341INZ 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL34341INZ
상세설명  WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL34341INZ 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL34341INZ Datasheet HTML 1Page - Intersil Corporation ISL34341INZ Datasheet HTML 2Page - Intersil Corporation ISL34341INZ Datasheet HTML 3Page - Intersil Corporation ISL34341INZ Datasheet HTML 4Page - Intersil Corporation ISL34341INZ Datasheet HTML 5Page - Intersil Corporation ISL34341INZ Datasheet HTML 6Page - Intersil Corporation ISL34341INZ Datasheet HTML 7Page - Intersil Corporation ISL34341INZ Datasheet HTML 8Page - Intersil Corporation ISL34341INZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6827.0
December 15, 2008
HS Generated Output Common Mode Voltage
VOCM
2.35
V
HS Common Mode Serializer-Deserializer
Voltage Difference
ΔVCM
20
120
mV
HS Differential Output Impedance
ROUT
80
100
120
Ω
HS Output Latency
tLPD
Part-to-part
4
7
10
PCLK
HS Output Rise and Fall Times
tR/tF
20% to 80%
150
ps
HS Differential Skew
tSKEW
<10
ps
HS Output Random Jitter
tRJ
13.4
psrms
HS Output Deterministic Jitter
tDJ
40
psP-P
HIGH SPEED RECEIVER
HS Differential Input Voltage
VID
150
mVP-P
HS Generated Input Common Mode Voltage
VICM
2.32
V
HS Differential Input Impedance
RIN
80
100
120
Ω
HS Maximum Jitter Tolerance
0.52
UIP-P
I2C
I2C Clock Rate (on SCL)
fI2C
100
400
kHz
I2C Clock Pulse Width (HI or LO)
1.3
µs
I2C Clock Low to Data Out Valid
0
1
µs
I2C Start/Stop Setup/Hold Time
0.6
µs
I2C Data in Setup Time
100
ns
I2C Data in Hold Time
100
ns
I2C Data out Hold Time
100
ms
Electrical Specifications
Unless otherwise indicated, all data is for: VDD_CDR = VDD_CR = 1.8V, VDD_IO = 3.3V,
VDD_TX = VDD_P = VDD_AN = 3.3V, TA = +25°C, Ref_Res = 3.16kΩ, High-speed AC-coupling
capacitor = 27nF. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
SERIALIZER
DESERIALIZER
52 to 63,
2 to 13
RGBA[7:0],
RGBB[7:0], RGBC[7:0]
Parallel video data LVCMOS inputs
Parallel video data LVCMOS outputs
22
HSYNC
Horizontal (line) Sync LVCMOS input
Horizontal (line) Sync LVCMOS output
23
VSYNC
Vertical (frame) Sync LVCMOS input
Vertical (frame) Sync LVCMOS output
21
DATAEN
Video Data Enable LVCMOS input
Video Data Enable LVCMOS output
26
PCLK_IN
Pixel clock LVCMOS input
PLL reference clock LVCMOS input
51
PCLK_OUT
Default; not used
Recovered clock LVCMOS output
41, 40
SERIOP, SERION
High speed differential serial I/O
High speed differential serial I/O
24
HSYNCPOL
CMOS input for HSYNC
1: HSYNC is active low
0: HSYNC is active high
25
VSYNCPOL
CMOS input for VSYNC
1: VSYNC is active low
0: VSYNC is active high
ISL34341


유사한 부품 번호 - ISL34341INZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
371Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
logo
Renesas Technology Corp
ISL34341INZ RENESAS-ISL34341INZ Datasheet
616Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
More results

유사한 설명 - ISL34341INZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34341 RENESAS-ISL34341 Datasheet
616Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL34340_0806 INTERSIL-ISL34340_0806 Datasheet
350Kb / 10P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
ISL34340 INTERSIL-ISL34340 Datasheet
183Kb / 10P
   WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com