전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF-07 데이터시트(PDF) 4 Page - Minmax Technology Co., Ltd.

부품명 ADF-07
상세설명  7 Watts Universal Input Range AC/DC Power Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINMAX [Minmax Technology Co., Ltd.]
홈페이지  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ADF-07 데이터시트(HTML) 4 Page - Minmax Technology Co., Ltd.

  ADF-07 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ADF-07 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ADF-07 Datasheet HTML 3Page - Minmax Technology Co., Ltd. ADF-07 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
{0.004
{0.1
Pin
X.XXX{0.01
X.XX{0.25
X.XX{0.02
X.X{0.5
Inches
Millimeters
Tolerance
UL94V-0
:
Flammability
44 g
:
Weight
Plastic resin + Fiberglass
:
Case Material
2.00*1.00*0.76 inches
50.8*25.4*19.3 mm
:
Case Size
Physical Characteristics
-Vout
4
+Vout
3
AC(L) - AC Line
2
AC(N) - AC Neutral
1
Single Output
Pin
19.3 [0.76]
Side
4
10.16 [0.400]
25.4 [1.00]
Bottom
20.32 [0.800]
2
0.5 [0.02]
6.00 [0.236]
1
3
Pin Connections
Mechanical Dimensions
ADF-07 Series
4
MINMAX
REV:10 2008/07


유사한 부품 번호 - ADF-07

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
ADF-07S03 MINMAX-ADF-07S03 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
ADF-07S03 MINMAX-ADF-07S03 Datasheet
314Kb / 3P
   AC/DC Power Module 7W
ADF-07S05 MINMAX-ADF-07S05 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
ADF-07S05 MINMAX-ADF-07S05 Datasheet
314Kb / 3P
   AC/DC Power Module 7W
ADF-07S12 MINMAX-ADF-07S12 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
More results

유사한 설명 - ADF-07

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AGF-10 MINMAX-AGF-10 Datasheet
168Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
ETA-USA
DTC70-XSX-W ETA-USA-DTC70-XSX-W Datasheet
234Kb / 2P
   AC/DC SWITCHING DESKTOP ADAPTOR POWER SUPPLY SINGLE OUTPUT / UNIVERSAL RANGE INPUT 70 WATTS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com