전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF4415 데이터시트(PDF) 4 Page - LUXPIA

부품명 LF4415
상세설명  Video Memory / FIFO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUXPIA [LUXPIA]
홈페이지  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LF4415 데이터시트(HTML) 4 Page - LUXPIA

  LF4415 Datasheet HTML 1Page - LUXPIA LF4415 Datasheet HTML 2Page - LUXPIA LF4415 Datasheet HTML 3Page - LUXPIA LF4415 Datasheet HTML 4Page - LUXPIA LF4415 Datasheet HTML 5Page - LUXPIA LF4415 Datasheet HTML 6Page - LUXPIA LF4415 Datasheet HTML 7Page - LUXPIA LF4415 Datasheet HTML 8Page - LUXPIA LF4415 Datasheet HTML 9Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Single-Channel
Mode
Dual-Channel
Mode
FIFO
Addressing
External
Address Port
2-D Addressing
Auto TRS
Decode &
Pointer Clear
Empty/Full
Flags
LOGIC Devices Incorporated
www.logicdevices.com
January 23, 2008 LDS-44xx-A
High Performance Memory Product
4
MEMORY
FRAME
Video Memory / FIFO
LF4460
LF4430
LF4415
PRELIMINARY
Operating Modes
Single-Channel FIFO Configuration (MODE = 0xxx) The LF44xx memory can be organized as a single
channel deep FIFO (from 8 to 24bits wide), with independent read and write ports and clocks to allow for
fully independent/asynchronous operation. This mode is ideal for rate matching, frame synchronization, and
image manipulation applications.
Dual Independent FIFOs Configuration (MODE = 11xx) Dual-channel mode is designed for applications
requiring independent control of two FIFOs in one device. Each channel of the LF44xx operates as an
independent FIFO with the exceptions of A) both channels share a common read clock RCLK and B)
memory access using an external address port is not possible. Each channel input, control, or output is
identified by its suffix “0” or “1”. (Ex: D0, WEN0 versus D1, WEN1, etc...)
Buffering/synchronization applications often require sequential FIFO addressing, where the read pointer
chases the write pointer across the memory address space. The first data sample (or pixel) of a frame of
data is generally referenced to address zero in memory. This is implemented by clearing the write pointer
(bringing WCLR0 LOW) on the first sample of each frame of data written into memory. Upon requesting
a frame of data from memory starting with address zero (pixel 0), the read pointer is cleared (by bringing
RCLR0 LOW). The LF4430 write and read address pointers increment automatically through the memory
address space, and memory writes/reads are enabled, when WEN0 and REN0 are LOW respectively.
For applications requiring arbitrary access to memory addresses, a 24bit external address port is provided.
This 24bit address port provides access to the entire memory space on a cycle by cycle basis and can
be used to override the Write or Read sequential FIFO address pointers. The write address is forced to
the value defined by the 24bit external address port by bringing WSET0 LOW (assuming ADSEL is LOW).
The read pointer is forced to the value defined by the 24bit external address port by bringing RSET LOW
(assuming RDWR is HIGH). The external address can be updated each write or read cycle, depending
on which port is being addressed, to enable such applications as image rotation, PIP, region of interest
extraction, etc. Once the write or read address pointer override is to be terminated (bringing WSET0 or
RSET back HIGH), the write or read address pointer resumes sequential increment sequence starting at the
last address overriden by the address port (see Address Control table).
The LF44xx memory can be mapped as a linear address space (sequential FIFO addressing from say 0
to FFFF) or as a 2-D address space (as an image is addressed - using rows and columns). 2-D address
mapping simplifies complex address manipulation requirements that exist in video and image processing. In
order to access the memory using a 2-D address space, the external 24bit address port defines a 12bit row
and column address for writing or reading. See Control Registers 0 and 1.
Timing Reference Signals (TRS) from the incoming video stream are automatically detected and continu-
ously monitored. The field (‘F’) or vertical blanking (‘V’) bits in the TRS sequence can be programmed
to auto-clear the write address pointer to zero. This is useful in synchronization applications by relieving
the designer of routing SYNC signals from the upstream decoder, deserializer, or processor to the FIFO
Write address controls.
If the read and write address pointers collide, the COLLIDE0 flag will be brought HIGH, to alert the
host. The programmable almost-full (PF) and almost-empty (PE) flags provide advance warning of pointer
collisions. They are triggered when the R/W pointers are within user-specified “fullness” or “emptiness”
thresholds. Thresholds are set by the user and can be written into configuration registers (see registers
0D-18), and are defaulted to 1/80th for PE and 79/80th for PF. For example, if the flags are defaulted to the
1/80 and 79/80 thresholds, flag PE0 will go HIGH whenever the read pointer lags behind the write pointer by
less than 1/80 of the memory space, and flag PF0 will go HIGH whenever the read pointer leads the write
pointer by this amount. (See LF4430 Flag application note)


유사한 부품 번호 - LF4415

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LF441 TI1-LF441 Datasheet
484Kb / 12P
[Old version datasheet]   LF441 Low Power JFET Input Operational Amplifier
LF441883 TI1-LF441883 Datasheet
484Kb / 12P
[Old version datasheet]   LF441 Low Power JFET Input Operational Amplifier
LF441ACN TI1-LF441ACN Datasheet
484Kb / 12P
[Old version datasheet]   LF441 Low Power JFET Input Operational Amplifier
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
LF441CD ONSEMI-LF441CD Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
More results

유사한 설명 - LF4415

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M66850J MITSUBISHI-M66850J Datasheet
118Kb / 15P
   SRAM TYPE FIFO MEMORY
logo
AverLogic Technologies ...
AL460_1.2 AVERLOGIC-AL460_1.2 Datasheet
403Kb / 14P
   Full HD FIFO Memory
AL462 AVERLOGIC-AL462 Datasheet
3Mb / 38P
   Ultra HD FIFO Memory
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
logo
AverLogic Technologies ...
AL422B AVERLOGIC-AL422B_V01 Datasheet
1Mb / 20P
   3M-Bits FIFO Field Memory
logo
List of Unclassifed Man...
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
AL422 ETC1-AL422 Datasheet
254Kb / 20P
   AL422 3M-Bits FIFO Field Memory
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
Renesas Technology Corp
M66252P RENESAS-M66252P Datasheet
2Mb / 12P
   1152*8-BIT LINE MEMORY(FIFO)
logo
List of Unclassifed Man...
AL440B-12 ETC-AL440B-12 Datasheet
672Kb / 33P
   4Mbits (512k x 8-bit) FIFO memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com