전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T-11204 데이터시트(PDF) 1 Page - Rhombus Industries Inc.

부품명 T-11204
상세설명  Token Ring Transformers - DIP / SMD Packages
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RHOMBUS-IND [Rhombus Industries Inc.]
홈페이지  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-11204 데이터시트(HTML) 1 Page - Rhombus Industries Inc.

  T-11204 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
36
TOK - 7/97
Primary
Secondary
IEEE 802.5 Compatible -- High Isolation
Single and Dual Low Profile Packages
Designed For IBM Token Ring Applications
Insertion Loss ..................... 0.5 dB max. at 10 MHz
Return Loss ............................ 20 dB min. at 5 MHz
Dielectric withstanding voltage ............... 500 Vrms
CMRR .................................... -60 dB min. at 1 MHz
Token Ring Transformers
Primary
Secondary
Electrical Specifications at 25OC
OCL
C
W/W
L
L
Rise Time
Pri & Sec.
Part
Turns
min.
max.
max.
max.
DCR max.
Number
Ratio
(
µH )
( pF )
(
µH )
( ns )
(
Ω )
Style
Package
T-11200
1:1:2:2
1000
15
.40
15.0
0.4 & 0.8
Single
8-Pin
T-11201
1:1:2:2
1000
15
.40
15.0
0.4 & 0.8
Dual
16-Pin
T-11202
1:1:2:2
250
15
.15
15.0
0.5 & 0.8
Single
8-Pin
T-11203
1:1:2:2
250
15
.15
15.0
0.5 & 0.8
Dual
16-Pin
T-11204
1:1:1:1
750
25
.20
5.0
1.0 & 1.0
Single
8-Pin
T-11205
1:1:1:1
750
25
.20
5.0
1.0 & 1.0
Dual
16-Pin
DIP
OCL
C
W/W
L
L
Rise Time
Pri & Sec.
Part
Turns
min.
max.
max.
max.
DCR max.
Number
Ratio
(
µH )
( pF )
(
µH )
( ns )
(
Ω )
Style
Package
T-11280
1:1:2:2
1000
15
.40
15.0
0.4 & 0.8
Single
8-Pin
T-11281
1:1:2:2
1000
15
.40
15.0
0.4 & 0.8
Dual
16-Pin
T-11282
1:1:2:2
250
15
.15
15.0
0.5 & 0.8
Single
8-Pin
T-11283
1:1:2:2
250
15
.15
15.0
0.5 & 0.8
Dual
16-Pin
T-11284
1:1:1:1
750
25
.20
5.0
1.0 & 1.0
Single
8-Pin
T-11285
1:1:1:1
750
25
.20
5.0
1.0 & 1.0
Dual
16-Pin
T-11206
1:1:2:2
60
14
.30
3.0
0.2 & 0.4
Single
8-Pin
T-11208
1:1:2:2
60
14
.30
3.0
0.2 & 0.4
Dual
16-Pin
T-11210
1:1:1:1
60
14
.30
3.0
0.2 & 0.2
SIngle
8-Pin
T-11212
1:1:1:1
60
14
.30
3.0
0.2 & 0.2
Dual
16-Pin
Token Ring Transformers - DIP / SMD Packages
Refer to Schematic Diagrams and General Parameters at top of page.
Electrical Specifications at 25OC
SMD versions
available on
Tape & Reel
8 &16 Pin DIP/SMD Packages
(Add
G or J to P/N for SMD)
See pg. 40, fig. 4, 5 & 6
D
J
G


유사한 부품 번호 - T-11204

제조업체부품명데이터시트상세설명
logo
Rhombus Industries Inc.
T-11209 RHOMBUS-IND-T-11209 Datasheet
27Kb / 1P
   TOKEN RING COUPLING / ISOLATION TRANSFORMER
More results

유사한 설명 - T-11204

제조업체부품명데이터시트상세설명
logo
PCA ELECTRONICS INC.
EP9842-1 PCA-EP9842-1 Datasheet
22Kb / 1P
   Token Ring Isolation Transformers
EPA1550-1 PCA-EPA1550-1 Datasheet
31Kb / 1P
   Token Ring Isolation Transformers
logo
Premier Magnetics, Inc.
PM-TR01 PMI-PM-TR01 Datasheet
75Kb / 2P
   DIL PACKAGE TOKEN RING ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
   Token Ring Transceiver
logo
XFMRS Inc.
2021 XFMRS-2021 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
XF0756L1 XFMRS-XF0756L1 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
2021 XFMRS-2021_15 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
logo
PCA ELECTRONICS INC.
EPT7063G PCA-EPT7063G Datasheet
30Kb / 1P
   Token Ring Transceiver
logo
Bel Fuse Inc.
0556-5338-00 BEL-0556-5338-00_00 Datasheet
120Kb / 6P
   TOKEN RING MAGNETICS
logo
Rhombus Industries Inc.
F-1801 RHOMBUS-IND-F-1801 Datasheet
28Kb / 1P
   TOKEN RING FILTER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com