전자부품 데이터시트 검색엔진 |
|
TC54VC4102ECBRTP 데이터시트(PDF) 1 Page - TelCom Semiconductor, Inc |
|
TC54VC4102ECBRTP 데이터시트(HTML) 1 Page - TelCom Semiconductor, Inc |
1 / 3 page 4-279 TELCOM SEMICONDUCTOR, INC. 7 6 5 4 3 1 2 8 TC54 FEATURES s Precise Detection Thresholds .... Standard ± 2.0% Custom ± 1.0% s Small Packages ........... SOT-23A-3, SOT-89, TO-92 s Low Current Drain ..................................... Typ. 1 µA s Wide Detection Range .......................... 2.1V to 6.0V s Wide Operating Voltage Range ............ 1.5V to 10V APPLICATIONS s Battery Voltage Monitoring s Microprocessor Reset s System Brownout Protection s Switching Circuit in Battery Backup s Level Discriminator GENERAL DESCRIPTION The TC54 Series are CMOS voltage detectors, suited especially for battery-powered applications because of their extremely low 1 µA operating current and small surface- mount packaging. Each part is laser trimmed to the desired threshold voltage which can be specified from 2.1V to 6.0V, in 0.1V steps. The device includes a comparator, low-current high- precision reference, laser-trimmed divider, hysteresis circuit and output driver. The TC54 is available with either an open- drain or complementary output stage. In operation, the TC54's output (VOUT) remains in the logic HIGH state as long as VIN is greater than the specified threshold voltage (V – DET). When VIN falls below V – DET, the output is driven to a logic LOW. VOUT remains LOW until VIN rises above V – DET by an amount VHYST, whereupon it resets to a logic HIGH. FUNCTIONAL BLOCK DIAGRAM VOLTAGE DETECTOR Output form: N = Nch Open Drain C = CMOS Output Detected Voltage: Ex: 21 = 2.1V; 60 = 6.0V Extra Feature Code: Fixed: 0 Tolerance: 1 = ± 1.0% (custom) 2 = ± 2.0% (standard) Temperature: E: – 40 °C to + 85°C Package Type and Pin Count: CB: SOT-23A-3*, MB: SOT-89-3, ZB: TO-92-3 Taping Direction: Standard Taping Reverse Taping No suffix: TO-92 Bulk *SOT-23A-3 is equivalent to EIAJ (SC-59). ORDERING INFORMATION PART CODE TC54 V X XX X X X XX XXX TC54-10 11/8/96 VOUT TC54VC only VSS 1 3 + – VIN 2 VREF TC54VN has open-drain output. TC54VC has complementary output. PIN CONFIGURATIONS 13 2 VIN VIN VSS VOUT VSS VOUT TC54 TC54 TC54 1 1 2 3 3 2 *SOT-23A-3 SOT-89-3 TO-92 *SOT-23A-3 is equivalent to EIAJ (SC-59) |
유사한 부품 번호 - TC54VC4102ECBRTP |
|
유사한 설명 - TC54VC4102ECBRTP |