전자부품 데이터시트 검색엔진 |
|
CD4051BF 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
CD4051BF 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 20 page 6 CONTROL (ADDRESS OR INHIBIT), VC Input Low Voltage, VIL, Max VIL = VDD through 1k Ω; VIH = VDD through 1k Ω VEE = VSS, RL = 1kΩ to VSS, IIS < 2µA on All OFF Channels 5 1.5 1.5 1.5 1.5 - - 1.5 V 10 3333 - - 3 V 15 4444 - - 4 V Input High Voltage, VIH, Min 5 3.5 3.5 3.5 3.5 3.5 - - V 10 7777 7 - - V 15 11 11 11 11 11 - - V Input Current, IIN (Max) VIN = 0, 18 18 ±0.1 ±0.1 ±1 ±1- ±10-5 ±0.1 µA Propagation Delay Time: Address-to-Signal OUT (Channels ON or OFF) See Figures 10, 11, 14 tr, tf = 20ns, CL = 50pF, RL = 10kΩ 0 0 5 ---- - 450 720 ns 0 0 10 ---- - 160 320 ns 0 0 15 ---- - 120 240 ns -5 0 5 ---- - 225 450 ns Propagation Delay Time: Inhibit-to-Signal OUT (Channel Turning ON) See Figure 11 tr, tf = 20ns, CL = 50pF, RL = 1kΩ 0 0 5 ---- - 400 720 ns 0 0 10 ---- - 160 320 ns 0 0 15 ---- - 120 240 ns -10 0 5 ---- - 200 400 ns Propagation Delay Time: Inhibit-to-Signal OUT (Channel Turning OFF) See Figure 15 tr, tf = 20ns, CL = 50pF, RL = 10kΩ 0 0 5 ---- - 200 450 ns 0 0 10 ---- - 90 210 ns 0 0 15 ---- - 70 160 ns -10 0 5 ---- - 130 300 ns Input Capacitance, CIN (Any Address or Inhibit Input) ---- - 5 7.5 pF NOTE: 2. Determined by minimum feasible leakage measurement for automatic testing. Electrical Specifications PARAMETER TEST CONDITIONS LIMITS UNITS VIS (V) VDD (V) RL (kΩ) TYP Cutoff (-3dB) Frequency Chan- nel ON (Sine Wave Input) 5 (Note 3) 10 1 VOS at Common OUT/IN CD4053 30 MHz VEE = VSS, CD4052 25 MHz CD4051 20 MHz VOS at Any Channel 60 MHz Electrical Specifications Common Conditions Here: If Whole Table is For the Full Temp. Range, VSUPPLY = ±5V, AV = +1, RL = 100Ω, Unless Otherwise Specified (Continued) (Note 3) PARAMETER CONDITIONS LIMITS AT INDICATED TEMPERATURES (oC) UNITS VIS (V) VEE (V) VSS (V) VDD (V) -55 -40 85 125 25 MIN TYP MAX 20Log V OS V IS ------------ 3dB – = CD4051B, CD4052B, CD4053B |
유사한 부품 번호 - CD4051BF |
|
유사한 설명 - CD4051BF |