전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4066BNSRE4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 CD4066BNSRE4
상세설명  CMOS QUAD BILATERAL SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD4066BNSRE4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CD4066BNSRE4 Datasheet HTML 4Page - Texas Instruments CD4066BNSRE4 Datasheet HTML 5Page - Texas Instruments CD4066BNSRE4 Datasheet HTML 6Page - Texas Instruments CD4066BNSRE4 Datasheet HTML 7Page - Texas Instruments CD4066BNSRE4 Datasheet HTML 8Page - Texas Instruments CD4066BNSRE4 Datasheet HTML 9Page - Texas Instruments CD4066BNSRE4 Datasheet HTML 10Page - Texas Instruments CD4066BNSRE4 Datasheet HTML 11Page - Texas Instruments CD4066BNSRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D – NOVEMBER 1998 – REVISED SEPTEMBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VDD = 5 V
VC = –5 V
VSS = –5 V
Cios
Cis
Cos
CD4066B
1 of 4
Switches
Measured on Boonton capacitance bridge, model 75a (1 MHz);
test-fixture capacitance nulled out.
92CS-30921
Figure 10. Typical On Characteristics
for One of Four Channels
VDD
VC = VSS
Vos
VSS
CD4066B
1 of 4
Switches
Vis = VDD
I
92CS-30922
Figure 11. Off-Switch Input or Output Leakage
All unused terminals are connected to VSS.
VDD
VC = VDD
Vos
VSS
CD4066B
1 of 4
Switches
Vis
Figure 12. Propagation Delay Time Signal Input
(Vis) to Signal Output (Vos)
92CS-30923
200 k
50 pF
VDD
tr = tf = 20 ns
All unused terminals are connected to VSS.
VDD
VC
Vos
VSS
CD4066B
1 of 4
Switches
Vis
Figure 13. Crosstalk-Control Input
to Signal Output
+10 V
tr = tf = 20 ns
92CS-30924
10 k
1 k
All unused terminals are connected to VSS.


유사한 부품 번호 - CD4066BNSRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4066BNSRE4 TI-CD4066BNSRE4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BNSRE4 TI-CD4066BNSRE4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

유사한 설명 - CD4066BNSRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com