전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI400PFB2 데이터시트(PDF) 1 Page - Sparkle Power Inc.

부품명 SPI400PFB2
상세설명  400 Watts ATX12V Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPI [Sparkle Power Inc.]
홈페이지  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI400PFB2 데이터시트(HTML) 1 Page - Sparkle Power Inc.

  SPI400PFB2 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.3A
10A
20A
± 5%
50mV P-P
+5V
0.5A
10A
20A
± 5%
50mV P-P
+12V1
1.0A
8A
16A
± 5%
120mV P-P
+12V2
1.0A
8A
16A
± 5%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0.0A
1.25A
2.5A
± 5%
50mV P-P
*+3.3V and +5V total output not exceed 150W
* Total output for this subject power supply is 400W
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 6A (RMS) @ 115Vac, 3A (RMS) @ 230Vac
Inrush Current: No damage
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +80°C
Humidity: 5-90% on operating,5-95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 80% minimum, typical up to 87%
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 140x150x86mm / 5.5x5.9x3.4inch
SPI400PFB2
(80PLUS, RoHS Compliant)
400 Watts ATX12V Switching Power Supply
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction
on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1, TUV EN
report,FCC,EMC.
60950-1,CB 60950-1
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


유사한 부품 번호 - SPI400PFB2

제조업체부품명데이터시트상세설명
logo
Sparkle Power Inc.
SPI400PFB SPI-SPI400PFB Datasheet
39Kb / 1P
   400 Watts ATX12V Switching Power Supply
More results

유사한 설명 - SPI400PFB2

제조업체부품명데이터시트상세설명
logo
Sparkle Power Inc.
FSP400-60GN SPI-FSP400-60GN Datasheet
75Kb / 1P
   400 Watts ATX12V Switching Power Supply
FSP400-60PFN SPI-FSP400-60PFN Datasheet
77Kb / 1P
   400 Watts ATX12V Switching Power Supply
SPI400W7BB SPI-SPI400W7BB Datasheet
51Kb / 1P
   400 Watts ATX12V, 2U Switching Power Supply
ATX-400PA SPI-ATX-400PA Datasheet
419Kb / 2P
   400 Watts ATX12V-2.2 Switching Power Supply
ATX-400PN SPI-ATX-400PN Datasheet
78Kb / 1P
   400 Watts ATX12V 2.01 Switching Power Supply
FSP400-60GLC SPI-FSP400-60GLC Datasheet
310Kb / 2P
   400 Watts ATX12V-2.01, Switching Power Supply
FSP400-60THA SPI-FSP400-60THA Datasheet
79Kb / 1P
   400 Watts ATX12V 2.0 Switching Power Supply
FSP400-70MP SPI-FSP400-70MP Datasheet
416Kb / 2P
   400 Watts ATX12V,EPS12V Switching Power Supply
FSP400-60THN SPI-FSP400-60THN Datasheet
343Kb / 2P
   400 Watts ATX12V 2.0 Switching Power Supply
SPI4002UC SPI-SPI4002UC Datasheet
301Kb / 1P
   400 Watts ATX12V/EPS12V, 2U Switching Power Supply
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com