전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74FCT843A 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74FCT843A
상세설명  BiCMOS FCT Interface Logic, 9-Bit Transparent Latches, Three-State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT843A 데이터시트(HTML) 5 Page - Texas Instruments

  CD74FCT843A Datasheet HTML 1Page - Texas Instruments CD74FCT843A Datasheet HTML 2Page - Texas Instruments CD74FCT843A Datasheet HTML 3Page - Texas Instruments CD74FCT843A Datasheet HTML 4Page - Texas Instruments CD74FCT843A Datasheet HTML 5Page - Texas Instruments CD74FCT843A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8-5
Switching Specifications Over Operating Range FCT Series tr, tf = 2.5ns, CL = 50pF, RL (Figure 1)
PARAMETER
SYMBOL
VCC (V)
25oC0oC TO 70oC
UNITS
TYP
MIN
MAX
Propagation Delays
Data to Outputs
CD74FCT843A
tPLH, tPHL
5
(Note 6)
6.8
1.5
9
ns
CD74FCT844A
tPLH, tPHL
5
7.5
1.5
10
ns
LE to Outputs
tPLH, tPHL
5
9
1.5
12
ns
PRE to Outputs
tPLH
5
9
1.5
12
ns
CLR to Outputs
tPHL
5
9.8
1.5
13
ns
Output Enable Times
tPZL, tPZH
-
10.5
1.5
14
ns
Output Disable Times
tPLZ, tPHZ
-
6
1.5
8
ns
Power Dissipation Capacitance
CPD
(Note 7)
----
pF
Minimum (Valley) VOHV During Switching of
Other Outputs (Output Under Test Not Switching)
VOHV
5
0.5
-
-
V
Maximum (Peak) VOLP During Switching of
Other Outputs (Output Under Test Not Switching)
VOLP
51
-
-
V
Input Capacitance
CI
---
10
pF
Three-State Output Capacitance
CO
---
15
pF
NOTES:
6. 5V: Minimum is at 5.25V for 0oC to 70oC, Maximum is at 4.75V for 0oC to 70oC, Typical is at 5V.
7. CPD, measured per flip-flop, is used to determine the dynamic power consumption.
PD (per package) = VCC ICC + Σ(VCC
2 f
I CPD + VO
2 f
OCL + VCC ∆ICC D) where:
VCC = supply voltage
∆ICC = flow through current x unit load
CL = output load capacitance
D = duty cycle of input high
fO = output frequency
fI = input frequency
Prerequisite for Switching
PARAMETER
SYMBOL
VCC (V)
25oC0oC TO 70oC
UNITS
TYP
MIN
MAX
Setup Time, Data to LE
tSU
5
(Note 8)
-
2.5
-
ns
Hold Time, Data to LE
tH
5
-
2.5
-
ns
LE Pulse Width
tW
5-4-
ns
PRE, CLR Pulse Width
tW
5-8-
ns
PRE, CLR Recovery Time
tREC
5
-
14
-
ns
NOTE:
8. Minimum is at 4.75V for 0oC to 70oC, Typical is at 5V.
Test Circuits and Waveforms
NOTE:
9. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; ZOUT ≤ 50Ω;
3V
0
DUT
PULSE ZO
GEN
7V
500
50pF
500
VCC
RT
RT = ZO
V0
CL
RL
RL
VI
tr, tf = 2.5ns
(NOTE 9)
SWITCH POSITION
TEST
SWITCH
tPLZ, tPZL, Open Drain
Closed
tPHZ, tPZH, tPLH, tPHL
Open
DEFINITIONS:
CL = Load capacitance, includes jig and probe
capacitance.
RT = Termination resistance, should be equal to ZOUT of
the Pulse Generator.
V
0V to 3V
CD74FCT843A, CD74FCT844A


유사한 부품 번호 - CD74FCT843A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74FCT841A TI-CD74FCT841A Datasheet
18Kb / 2P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
CD74FCT841AEN TI-CD74FCT841AEN Datasheet
18Kb / 2P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
CD74FCT841AM TI-CD74FCT841AM Datasheet
18Kb / 2P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
CD74FCT841AM96 TI-CD74FCT841AM96 Datasheet
18Kb / 2P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
CD74FCT842A TI-CD74FCT842A Datasheet
18Kb / 2P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
More results

유사한 설명 - CD74FCT843A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74FCT841A TI-CD74FCT841A Datasheet
18Kb / 2P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
[Old version datasheet]   BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
CD74FCT823A TI-CD74FCT823A Datasheet
39Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, 9-Bit D-Type Flip-Flops, Three-State
CD74FCT861A TI1-CD74FCT861A Datasheet
101Kb / 10P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10-Bit Bus Transceiver, Three-State
CD5474FCT373 TI-CD5474FCT373 Datasheet
16Kb / 2P
[Old version datasheet]   FCT Interface Logic Octal Transparent Latch, Three-State
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT821A TI-CD74FCT821A Datasheet
40Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com