전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2258 데이터시트(PDF) 2 Page - Savantic, Inc.

부품명 2SC2258
상세설명  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAVANTIC [Savantic, Inc.]
홈페이지  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC2258 데이터시트(HTML) 2 Page - Savantic, Inc.

  2SC2258 Datasheet HTML 1Page - Savantic, Inc. 2SC2258 Datasheet HTML 2Page - Savantic, Inc. 2SC2258 Datasheet HTML 3Page - Savantic, Inc. 2SC2258 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC2258
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
ICER
Collector cutoff current
VCE=250V;RBE=100k=
100
µA
V(BR)EBO
Emitter-base breakdown voltage
IE=0.1mA ;IC=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=50mA ;IB=5m A
1.2
V
VBE
Base-emitter voltage
IC=40mA ; VCE=20V
1.2
V
hFE-1
DC current gain
IC=40mA ; VCE=20V
40
hFE-2
DC current gain
IC=5mA ; VCE=50V
30
COB
Output capacitance
IE=0; VCB=50V;f=1MHz
3
4.5
pF
fT
Transition frequency
IE=-10mA ; VCB=10V,f=200MHz
100
MHz


유사한 부품 번호 - 2SC2258

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SC2258 PANASONIC-2SC2258 Datasheet
83Kb / 3P
   Silicon NPN triple diffusion planar type
logo
Quanzhou Jinmei Electro...
2SC2258 JMNIC-2SC2258 Datasheet
172Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2258 ISC-2SC2258 Datasheet
148Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2258 SAVANTIC-2SC2258 Datasheet
130Kb / 4P
   Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SC2258 FOSHAN-2SC2258 Datasheet
784Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
More results

유사한 설명 - 2SC2258

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com