전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC2509CPW 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 CDC2509CPW
상세설명  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDC2509CPW 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CDC2509CPW Datasheet HTML 3Page - Texas Instruments CDC2509CPW Datasheet HTML 4Page - Texas Instruments CDC2509CPW Datasheet HTML 5Page - Texas Instruments CDC2509CPW Datasheet HTML 6Page - Texas Instruments CDC2509CPW Datasheet HTML 7Page - Texas Instruments CDC2509CPW Datasheet HTML 8Page - Texas Instruments CDC2509CPW Datasheet HTML 9Page - Texas Instruments CDC2509CPW Datasheet HTML 10Page - Texas Instruments CDC2509CPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CDC2509C
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS620 – DECEMBER 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
50
C(LF) – Lumped Feedback Capacitance at FBIN – pF
10
0
–10
–20
20
–30
–40
100
0
–300
200
–400
Phase Error
Phase Adjustment Slope
–100
–200
VCC = 3.3 V
fc = 100 MHz
C(LY) = 30pF
TA = 25°C
See Notes A and B
CDC2509C
PHASE ADJUSTMENT SLOPE AND PHASE ERROR
vs
LOAD CAPACITANCE
Figure 3
0
5
10
15
20
25
30
35
40
45
50
C(LF) – Lumped Feedback Capacitance at FBIN – pF
0
–10
–20
–30
10
–40
–50
0
–100
–400
100
–500
Phase Error
Phase
Adjustment Slope
–200
–300
CDC2509A
PHASE ADJUSTMENT SLOPE AND PHASE ERROR
vs
LOAD CAPACITANCE
VCC = 3.3 V
fc = 100 MHz
C(LY) = 30pF
TA = 25°C
See Notes A and B
Figure 4
NOTES: A. Trace feedback length FBOUT to FBIN = 5 mm, ZO = 50 Ω Phase error measured from CLK to Y
B. CLF = Lumped feedback capacitance at FBIN


유사한 부품 번호 - CDC2509CPW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC2509CPW TI1-CDC2509CPW Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509CPWG4 TI1-CDC2509CPWG4 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509CPWR TI1-CDC2509CPWR Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509CPWRG4 TI1-CDC2509CPWRG4 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results

유사한 설명 - CDC2509CPW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com