전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCR81DBQ 데이터시트(PDF) 2 Page - Texas Instruments

부품명 CDCR81DBQ
상세설명  DIRECT RAMBUSE CLOCK GENERATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCR81DBQ 데이터시트(HTML) 2 Page - Texas Instruments

  CDCR81DBQ Datasheet HTML 1Page - Texas Instruments CDCR81DBQ Datasheet HTML 2Page - Texas Instruments CDCR81DBQ Datasheet HTML 3Page - Texas Instruments CDCR81DBQ Datasheet HTML 4Page - Texas Instruments CDCR81DBQ Datasheet HTML 5Page - Texas Instruments CDCR81DBQ Datasheet HTML 6Page - Texas Instruments CDCR81DBQ Datasheet HTML 7Page - Texas Instruments CDCR81DBQ Datasheet HTML 8Page - Texas Instruments CDCR81DBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CDCR81
DIRECT RAMBUS
™ CLOCK GENERATOR
SCAS606B – NOVEMBER 1998 – REVISED NOVEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The CDCR81 is characterized for operation over free-air temperatures of 0
°C to 85°C.
functional block diagram
Bypass MUX
Test MUX
B
A
PLL
Phase
Aligner
PACLK
PLLCLK
ByPCLK
CLK
CLKB
REFCLK
φD
SYNCLKN
PCLKM
MULT0
MULT1
2
PWRDWNB
S0
S1
S2
STOPB
FUNCTION TABLE†
MODE
S0
S1
S2
CLK
CLKB
Normal
0
0
0
Phase aligned clock
Phase aligned clock B
Bypass
1
0
0
PLLCLK
PLLCLKB
Test
1
1
0
REFCLK
REFCLKB
Output test (OE)
0
1
X
Hi-Z
Hi-Z
Reserved
0
0
1
Reserved
1
0
1
Reserved
1
1
1
Hi-Z
Hi-Z
† X = don’t care, Hi-Z = high impedance


유사한 부품 번호 - CDCR81DBQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCR81DBQ TI1-CDCR81DBQ Datasheet
381Kb / 16P
[Old version datasheet]   CDCR81_08
CDCR81DBQR TI1-CDCR81DBQR Datasheet
381Kb / 16P
[Old version datasheet]   CDCR81_08
CDCR81DBQRG4 TI1-CDCR81DBQRG4 Datasheet
381Kb / 16P
[Old version datasheet]   CDCR81_08
More results

유사한 설명 - CDCR81DBQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCR61A TI-CDCR61A Datasheet
137Kb / 10P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR- LITE
CDCR61A TI1-CDCR61A_15 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com