전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LM2900 데이터시트(Datasheet) 5 Page - TI store

Click here to check the latest version.
부품명 LM2900
상세내용  QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI [TI store]
홈페이지  http://www.ti.com
Logo 

   
 5 page
background image
LM2900, LM3900
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
SLOS059 – JULY 1979 – REVISED SEPTEMBER 1990
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
TA – Free-Air Temperature – °C
LARGE SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
1
–75
10
102
103
– 50
– 25
0
25
50
75
100
125
VCC = 15 V
VO = 10 V
RL = 10 kΩ
104
Figure 6
f – Frequency – Hz
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
0
100
10
20
30
40
50
60
70
80
90
100
1 k
10 k
100 k
1 M
400 k
40 k
4k
400
TA = 25°C
VCC = 15 V
Figure 7
f – Frequency – Hz
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
0
1 k
2
4
6
8
10
12
14
16
10 k
100 k
1 M
10 M
II+ = 0
RL = 2 kΩ
VCC = 15 V
TA = 25°C
Figure 8
VCC – Supply Voltage – V
SHORT-CIRCUIT OUTPUT CURRENT
(OUTPUT INTERNALLY HIGH)
vs
SUPPLY VOLTAGE
0
0
5
10
15
20
25
30
5
10
1520
2530
VO = 0
II+ = 0
II– = 0
TA = 0°C
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
LM324KQUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTI store
AN1324Quadruple Operational Amplifiers 1 2 3 Panasonic Semiconductor
LM124QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTI store
LM148QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 TI store
MC3303QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTI store
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM359Dual High Speed Programmable Current Mode Norton Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LF347FAMILY OF JFET OPERATIONAL AMPLIFIERS 1 2 3 4 Motorola, Inc
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl