전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM337Y 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM337Y
상세설명  3-TERMINAL ADJUSTABLE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM337Y 데이터시트(HTML) 3 Page - Texas Instruments

  LM337Y Datasheet HTML 1Page - Texas Instruments LM337Y Datasheet HTML 2Page - Texas Instruments LM337Y Datasheet HTML 3Page - Texas Instruments LM337Y Datasheet HTML 4Page - Texas Instruments LM337Y Datasheet HTML 5Page - Texas Instruments LM337Y Datasheet HTML 6Page - Texas Instruments LM337Y Datasheet HTML 7Page - Texas Instruments LM337Y Datasheet HTML 8Page - Texas Instruments LM337Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM237, LM337
3-TERMINAL ADJUSTABLE REGULATORS
SLVS047G – NOVEMBER 1981 – REVISED SEPTEMBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating virtual junction temperature
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
LM237
LM337
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Input regulation‡
VI – VO = –3 V to –40 V
TJ = 25°C
0.01
0.02
0.01
0.04
%/V
Input regulation‡
VI – VO = –3 V to –40 V
TJ = MIN to MAX
0.02
0.05
0.02
0.07
%/V
Ripple rejection
VO = –10 V,
f = 120 HZ
60
60
dB
Ripple rejection
VO = –10 V,
f = 120 HZ,
CADJ = 10 µF
66
77
66
77
dB
Output regulation
IO = 10 mA to 1.5 A,
|VO| ≤ 5 V
25
50
mV
Output regulation
IO = 10 mA to 1.5 A,
TJ = 25°C
|VO| ≥ 5 V
0.3%
0.5%
0.3%
1%
Output regulation
IO = 10 mA to 1.5 A
|VO| ≤ 5 V
50
70
mV
IO = 10 mA to 1.5 A
|VO| ≥ 5 V
1%
1.5%
Output-voltage
change with
temperature
TJ = MIN to MAX
0.6%
0.6%
Output-voltage
long-term drift
After 1000 h at TJ = MAX and VI – VO = –40 V
0.3%
1%
0.3%
1%
Output noise
voltage
f = 10 HZ to 10 kHZ,
TJ = 25°C
0.003%
0.003%
Minimum output
current to maintain
|VI – VO| ≤ 40 V
2.5
5
2.5
10
mA
current to maintain
regulation
|VI – VO| ≤ 10 V
1.2
3
1.5
6
mA
Peak output current
|VI – VO| ≤ 15 V
1.5
2.2
1.5
2.2
A
Peak output current
|VI – VO| ≤ 40 V,
TJ = 25°C
0.24
0.4
0.15
0.4
A
Adjustment-terminal
current
65
100
65
100
µA
Change in
adjustment-terminal
current
VI – VO = – 2.5 V to –40 V,
IO = 10 mA to MAX
TJ = 25°C,
2
5
2
5
µA
Reference voltage
VI – VO = – 3 V to –40 V,
IO = 10 mA to 1.5 A,
TJ = 25°C
–1.225
–1.25
–1.275
–1.213
–1.25
–1.287
V
Reference voltage
(output to ADJ)
IO = 10 mA to 1.5 A,
P
≤ rated dissipation
TJ = MIN to MAX
–1.2
–1.25
–1.3
–1.2
–1.25
–1.3
V
Thermal regulation
Initial TJ = 25°C,
10-ms pulse
0.002
0.02
0.003
0.04
%/W
† Unless otherwise noted, these specifications apply for the following test conditions |VI – VO| = 5 V and IO = 0.5 A. For conditions shown as MIN
or MAX, use the appropriate value specified under recommended operating conditions. All characteristics are measured with a 0.1-
µF capacitor
across the input and a 1-
µF capacitor across the output. Pulse-testing techniques are used to maintain the junction temperature as close to the
ambient temperature as possible. Thermal effects must be taken into account separately.
‡ Input regulation is expressed here as the percentage change in output voltage per 1-V change at the input.


유사한 부품 번호 - LM337Y

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM337Y TI-LM337Y Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
More results

유사한 설명 - LM337Y

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
WS337L WINGS-WS337L Datasheet
113Kb / 1P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Texas Instruments
TL317 TI-TL317 Datasheet
120Kb / 7P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237_07 Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
   3-Terminal Adjustable Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com