전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB500 데이터시트(PDF) 2 Page - Gamewell-FCI by Honeywell

부품명 SMB500
상세설명  Fault Isolator Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
홈페이지  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SMB500 데이터시트(HTML) 2 Page - Gamewell-FCI by Honeywell

  SMB500 Datasheet HTML 1Page - Gamewell-FCI by Honeywell SMB500 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS-LI
CS-2464
09/01/06
Page 2 of 2
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation. For
more information, contact Gamewell-FCI.
Operating voltage
15 – 32 VDC (peak).
Current range
5 mA for LED latched in alarm.
Standby current
400 µA maximum, plus supervi-
sion current.
Pulsing current
30 mA for 15 mS.
Temperature range
32°F to 120°F (0°C to 49°C).
Relative humidity
10% to 93%.
Weight
150 grams (5 oz.).
Specifications
Examples of Device Counts
(see notes under Applications on page 1)
EXAMPLE 1
Operation
Automatically opens circuit when the line voltage drops below four volts. Fault Isola-
tor Modules should be spaced between groups of addressable devices (maximum
25, see notes on page 1) in a loop to protect the rest of the loop. If a short occurs
between any two isolators, then both isolators immediately switch to an open circuit
state and isolate the groups of sensors between them. The remaining units on the
loop continue to fully operate.
In Style 4 loops, the SS-LI is generally used at each T-tap branch, to limit the effect of
short circuits on a branch to the devices on that branch. The LED indicator is on
continuously during a short circuit condition.
The SS-LI Fault Isolator Module automatically restores the shorted portion of the
communications loop to normal condition when the short circuit condition is removed.
EXAMPLE 2
EXAMPLE 3
g2464ex1.wmf
g2464ex3.wmf
g2464ex2.wmf


유사한 부품 번호 - SMB500

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
SMB500 GAMEWELL-FCI-SMB500 Datasheet
516Kb / 4P
   Addressable Control and Relay Modules
logo
Systemsensor advanced i...
SMB500 SYSTEMSENSOR-SMB500 Datasheet
123Kb / 4P
   500 Series Intelligent Sensors with Integral Communications
logo
Shanghai Leiditech Elec...
SMB500 LEIDITECH-SMB500 Datasheet
106Kb / 1P
   Ceramic Gas Discharge Tube
More results

유사한 설명 - SMB500

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
M500X GAMEWELL-FCI-M500X Datasheet
349Kb / 1P
   Isolator Module
logo
Pepperl+Fuchs Inc.
M-LB-5400 PF-M-LB-5400 Datasheet
685Kb / 3P
   Fault Status Module
2022-01-15
logo
Linear Technology
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
   SPI/Digital or I2C Module Isolator
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
   SPI/Digital or I2C 關Module Isolator
logo
Schneider Electric
GFM150HD SCHNEIDER-GFM150HD Datasheet
145Kb / 2P
   20 TO 100A MICROLOGIC GROUND FAULT MODULE
GFM250JD SCHNEIDER-GFM250JD Datasheet
173Kb / 2P
   40 TO 200A MICROLOGIC GROUND FAULT MODULE
GFM100FA SCHNEIDER-GFM100FA Datasheet
55Kb / 2P
   20 TO 100A MICROLOGIC GROUND FAULT MODULE
logo
TDK Electronics
CU4S0401AT-1445-00 TDK-CU4S0401AT-1445-00 Datasheet
93Kb / 7P
   Isolator
logo
List of Unclassifed Man...
WH2A ETC1-WH2A Datasheet
104Kb / 2P
   Isolator
logo
TDK Electronics
CU4S0701AT-1445-00 TDK-CU4S0701AT-1445-00 Datasheet
96Kb / 7P
   Isolator
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com