전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM-2 데이터시트(PDF) 3 Page - Gamewell-FCI by Honeywell

부품명 SSM-2
상세설명  Analog Addressable Control Panel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
홈페이지  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SSM-2 데이터시트(HTML) 3 Page - Gamewell-FCI by Honeywell

  SSM-2 Datasheet HTML 1Page - Gamewell-FCI by Honeywell SSM-2 Datasheet HTML 2Page - Gamewell-FCI by Honeywell SSM-2 Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
CS-2492 Rev. A page 3 of 3
are monitored and controlled by the MPU bus which can
monitor and control one expanded (i.e., eight-circuit) BCM
per position. The display for the BCM provides LEDs for
annunciation of relay state or feedback, and windows for
user-defined custom labeling. In addition, the display for
the BCM comes with a three position ON/OFF/AUTO
switch per circuit for manual override of the programmed
automatic functions.
Although the common control module is equipped with a
city tie circuit which is suitable for most applications, an
optional four-circuit CITY TIE MODULE (CTX-4) has been
developed for applications that require multiple connec-
tions. The city tie module connects to the MPU bus and is
supplied with a display module. The CTX-4 can also be
used for applications requiring a polarity-reversal output.
The SYSTEM HOUSING CONFIGURATION for the IF632
control panel is a two-bay cabinet and will accommodate:
two of the 600 Series modules, device control display
(BCD, RCD, SCD) over the analog module, the common
control, power supply, and batteries.
Applications
The Gamewell-FCI IdentiFlex 632 Analog Addressable
Control Panel is ideal for any project that require state-of-
the-art life safety systems. The embedded CPU offers
users unrivaled reliability with flexibility and value.
The IF632 control panel is designed to incorporate the ana-
log addressable sensors into an integrated life safety sys-
tem which will meet today’s most stringent requirements.
Addressable input-interface devices provide the means to
communicate with cost-effective conventional devices in
areas that do not require analog sensors.
Addressable control-output devices serve as the interface
between the analog circuits and building functions. The
outputs are controlled via Control-by-Event software and
can be programmed to respond to any event. The control
devices can also be used as supervised remote signal cir-
cuits.
The IF632’s optional EIA-232 output expands the system’s
display and control capability.
Serial annunciators can be added to display system activity
and control. The serial annunciator drivers provide the
interface to graphic annunciators.
An alphanumeric display (RAN2-RCS) can also be used for
remote status and control. The alphanumeric display is
designed to communicate over the serial communications
network. It features a 160-character display and provides
remote reset/acknowledge/silence keys. See RAN/SAN
data sheets CS-2025 and CS-2027 for complete annuncia-
tor details.
The IF632 communicates with an EIA-232 printer either
locally or remotely for documentation of system activity.
The printer interface accepts serial communications from
the control panel and provides a parallel output to the
printer.
Specifications
Common Control:
Standby Current:
0.275A
Alarm Current:
0.407A plus signaling circuit power,
plus 0.002A for master box, or plus
0.022A for reverse-polarity.
Input Power:
120 VAC, 2.0A
Auxiliary Output:
S+/S–, A+/A–: 24 VDC, 2.0A combined maximum
Common Relays:
10A @ 30 VDC, or 250A VAC
Signaling Circuits: 24 VDC nominal @ 2.0A per circuit
Panel Dimensions:
Cabinet:
30.0" H x 22.0" W x 5.5" D
(76.2 H x 55.9 W x 13.97 D cm)
Battery Capacity:
50 AH
Battery Storage Dimensions:
Standard Cabinet:
10.5" H x 11.0" W x 4.5" D
(26.7 H x 27.9 W x 11.43 D cm)
Relative Humidity:
93% non-condensing
Temperature
Rating:
32°F – 120°F (0°C – 49°C)
Ordering Information
Model
Description
IF632
Analog/addressable control panel, with
two (2) open module bays available.
SSM-2
Two (2) circuit SmartScan™ analog/
addressable SLC cards, 99 detectors and
99 devices per SLC.
Note: Must be ordered separately, not
included with the IF632.
SSM-2RE
Two (2) circuit expander modules. Plugs
into the SSM-2 to expand the SSM-2 from
two (2) to four (4) SmartScan™ SLCs.
Note: Must be ordered separately, not
included with IF632 or SSM-2.
CAB632
Empty cabinet housing with plexi-glass
door.
72122
IdentiFlex 632 Installation/Operating
Manual


유사한 부품 번호 - SSM-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM-2005 AD-SSM-2005 Datasheet
126Kb / 15P
   Decoder 5.1-Channel Soundfield Generator
REV. 0
logo
List of Unclassifed Man...
SSM-2014 ETC-SSM-2014 Datasheet
359Kb / 10P
   OPERATIONAL VOLTAGE CONTROLLED ELEMENT
logo
Analog Devices
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
SSM-2015P AD-SSM-2015P Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
logo
List of Unclassifed Man...
SSM-2022 ETC-SSM-2022 Datasheet
210Kb / 3P
   DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
More results

유사한 설명 - SSM-2

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com