전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM-2RE 데이터시트(PDF) 2 Page - Gamewell-FCI by Honeywell

부품명 SSM-2RE
상세설명  Analog Addressable Control Panel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
홈페이지  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SSM-2RE 데이터시트(HTML) 2 Page - Gamewell-FCI by Honeywell

  SSM-2RE Datasheet HTML 1Page - Gamewell-FCI by Honeywell SSM-2RE Datasheet HTML 2Page - Gamewell-FCI by Honeywell SSM-2RE Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2492 Rev. A page 2 of 3
www.gamewell-fci.com
Operator’s Display (Continued)
The Reset key returns the control panel to idle mode after
an alarm condition has been cleared. Trouble conditions
that have been cleared will automatically return the control
panel to idle mode when the problem has been corrected.
Trouble conditions that have been acknowledged will
resound the internal sounder if the condition is not cor-
rected within a programmed time period.
The Signal Silence key deactivates notification appliances.
This function can be modified by user programming to
operate only after a specified time period.
There are three additional programmable switches avail-
able to control application-specific operations. Keys for
programming and bypass functions, along with LEDs for
active and trouble conditions, are provided for the City
Connection, and two signal circuits which are part of the
Common Control section.
Other Panel/System Components
The IF632 COMMON CONTROL SECTION comprises the
heart of the system. The common control section houses
the main CPU and all system memory as well as providing
local and remote communications and supervision. The
common control contains the common system relays, two
signal circuits, city tie, and optional EIA-232 port. All inter-
action with the common control section is through the oper-
ator’s display panel. Four relay circuits control auxiliary
functions. The relays, rated at 10 Amps, are controlled by
the main CPU. Two 24 VDC notification appliance circuits
(NAC) are provided. The NACs can provide a steady or
coded output. All circuits are power-limited per NEC 760
and UL 864.
The IF632 SmartScan™ ANALOG INTERFACE MODULE
(SSM-2/2E and SSM-4) occupies one bay and has from
two to four SLC circuits that can monitor and control up to
198 addressable/analog devices each for a total of 792
points per bay or 1584 points total. The analog interface
module has a dedicated microprocessor which simulta-
neously communicates with the connected field devices
and the main CPU. This feature allows the IF632 to main-
tain maximum communications speed throughout the sys-
tem. Analog/addressable circuits can be wired as non-
polarized in Style 4, 6, or 7. The communications protocol
provides for alarm verification per detector, detector adjust-
ability and compensation, adjustable analog heat detector
range (131°F to 194°F/55°C to 90°C), circuit isolation, and
priority interrupts. Priority interrupts allow contact-type
devices such as manual fire alarm stations to interrupt the
polling cycle and transmit their addresses at any time dur-
ing a polling sequence. The digital protocol allows the
IF632 to operate on most types of field wiring, greatly
expanding its use in retrofit applications (consult the SLC
manual or Gamewell-FCI Technical Support for specific
wiring requirements).
The CONVENTIONAL INPUT MODULE (CIM-8) occupies
one bay and provides eight hard-wired input circuits for
monitoring
conventional
detectors
and
contact-type
devices. The CIM-8 monitors and reports each circuit’s
analog status to the CPU as it distinguishes between
detectors and contact devices and determines if two or
more detectors are in alarm. Each input module uses one
slot in the MPU bus and is supplied with its own display
module. The display module provides LED annunciation of
alarm and trouble conditions and has a switch (per circuit)
for programming and bypass functions. The display has
space for user-defined custom labels for each circuit.
Beyond normal alarm and supervisory functions, the input
circuits can be programmed for Remote Acknowledge,
Reset, Signal Silence, and Release Abort switches. Cir-
cuits can be wired for Style B, D, and E service and are
capable of monitoring normally-closed devices.
The 600 Series UNIVERSAL SIGNAL MODULE (USM-8)
occupies one bay and is a multifunctional eight-circuit out-
put module. USM-8 modules communicate via the MPU
bus and require one expansion slot each. The USM can be
configured as 24 VDC signaling circuits. Modules are pro-
grammed in two-circuit increments, making it possible to
perform all four functions with a single module. Signal cir-
cuits provide steady or coded outputs. All circuits are
power-limited per NEC 760 and UL 864. Signal circuits can
be wired in either Style Y or Z. Signal modules are supplied
with their own display that provides LED annunciation of
activation and trouble conditions and has a switch (per cir-
cuit) for programming and bypass functions. The display
has space for user-defined custom labels for each circuit.
The 600 Series POWER SUPPLY (MPS-8) furnishes sys-
tem operating and signaling power. The supply is equipped
with a battery charger for maintaining the secondary power
source. The power supply is monitored by the main CPU to
ensure that adequate power levels are maintained. The
power supply design allows for high efficiency while provid-
ing precise power output. The battery charger is capable of
operating with lead-acid batteries and maintaining up to 50
AH batteries.
The 600 Series RELAY MODULE (RM-8) supplies eight
NO/NC relays for control of auxiliary functions. The relays
are controlled by the main CPU and are fully programma-
ble. Each position on the MPU bus can accommodate a
relay module. The relays are rated at 10 Amp and each is
provided with a feedback point for positive confirmation of
activation. Like all 600 Series expansion modules, the relay
module reports activation.
The 600 Series BUILDING CONTROL MODULE (BCM-8)
provides an interface between the fire alarm and HVAC
systems. Relays (rated at 10 A) are accompanied by feed-
back points for positive confirmation of the programmed
action. The BCM is available in eight-circuit modules that


유사한 부품 번호 - SSM-2RE

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM-2005 AD-SSM-2005 Datasheet
126Kb / 15P
   Decoder 5.1-Channel Soundfield Generator
REV. 0
logo
List of Unclassifed Man...
SSM-2014 ETC-SSM-2014 Datasheet
359Kb / 10P
   OPERATIONAL VOLTAGE CONTROLLED ELEMENT
logo
Analog Devices
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
SSM-2015P AD-SSM-2015P Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
logo
List of Unclassifed Man...
SSM-2022 ETC-SSM-2022 Datasheet
210Kb / 3P
   DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
More results

유사한 설명 - SSM-2RE

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com