전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC-LPS 데이터시트(PDF) 2 Page - Gamewell-FCI by Honeywell

부품명 FC-LPS
상세설명  Zoned Audio Command Center Voice Evacuation Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
홈페이지  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-LPS 데이터시트(HTML) 2 Page - Gamewell-FCI by Honeywell

  FC-LPS Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-LPS Datasheet HTML 2Page - Gamewell-FCI by Honeywell FC-LPS Datasheet HTML 3Page - Gamewell-FCI by Honeywell FC-LPS Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GWACCZ
CS-2505 09/01/06
Page 2 of 4
Module Features
ACC-AAM25
• 25 watt, 25 VRMS audio amplifier module.
• Field-programmable for system expansion to 50
watts (providing dual 25-watt speaker circuits)
or as a backup to the primary 25-watt amplifier
where required.
• Provides single Class A or Class B speaker
circuit.
• Utilizes plug-in-style terminal blocks for ease of
service and maintenance.
• Fully supervised and power-limited.
• Diagnostic LEDs include: yellow “trouble” LED
(cable fault, 70 VRMS fault, amp fault) and green
“amp functional” LED.
ACC-EPM
• Provides interface to non-fire paging equipment
for non-emergency paging applications.
• Provides plug-in-style terminal blocks for ease
of service and maintenance.
• Transformer-isolated, 600-ohm audio
connection to paging equipment.
FC-XRM70
• Converts 25 VRMS audio outputs to 70.7 VRMS
for retrofit applications.
• Plugs directly on ACC-AAM25 module(s),
allowing independent conversion to 70.7VRMS.
FC-LPS
• Provides local digital message playback for user
review of field-recorded custom messages.
Specifications
Electrical specifications
Command input circuits(CMD1andCMD2):
Trigger input voltage 10.5 — 29 VDC. NOTE:
When programmed for reverse-polarity
activation.
Trouble contact rating: 2.0 A at 30 VDC
(resistive), 0.6 A @ 125 VAC (resistive).
Auxiliary power output: Specific application
power 24 V, 35 mA.
Primary (AC) power: 1.6 A maximum
@ 120 VAC, 50/60 Hz.
Secondary power (battery) charging circuit:
• Supports lead-acid batteries only.
• Float-charge voltage: 27.6 V.
• Maximum charge current: 800 mA.
• Maximum battery charging capacity:18 AH.
Cabinet dimensions
Door: 26.174" (66.482 cm) high x 15.780" (40.081
cm) wide x 1.125" (2.858 cm) deep. Backbox:
26.0" (66.040 cm) high x 15.5" (39.370 cm) wide x
4.75" (12.065 cm) deep, depth includes door.
Standards and Codes
The GWACC complies with the following
standards: NFPA 72 National Fire Alarm Code;
NFPA 101 Life Safety Code; UL 864 Standard
for Control Units for Fire Alarm Systems; and
UL 1711 Standard for Amplifiers for Fire Alarm
Systems.
Listings
Listings and approvals below apply to the basic
GWACCZ voice evacuation control panel. In
some cases, certain modules may not be listed
by certain approval agencies, or listing may be
in process. Consult factory for latest listing
status.
• UL Listed: file S521.
2. System Trouble (yellow).
3. Message Generator Trouble (yellow).
4. Tone Generator Trouble (yellow).
5. Microphone Trouble (yellow).
6. Record/Playback (green).
7. All-Call (green = Active).
8. Audio ON/OFF (green = Active, yellow = Manual Deactivation).
9. Status of each speaker zone (green = Active, yellow = Manual Deactiva-
tion or Fault).
Other System LEDs: Battery Trouble, Charger Trouble, Ground Fault,
Speaker Circuit Trouble, and Amplifier Supervisory.
Ordering Information
GWACCZ
25 watt, 25 VRMS, emergency Voice Evacuation Control
Panel (VECP) with integral commercial microphone, digital
message generator, zone-splitter module (ACC-ZSM), zone
page module with keypad (ACC-ZPMK).
ACC-AAM25
Optional 25 watt, 25 VRMS Audio Amplifier Module with single
Class A or Class B speaker circuit.
ACC-EPM
Optional External Page Module.
FC-XRM70
Optional 70.7 VRMS Converter Module (one required per
amplifier, consult factory for availability).
FC-RM
Optional Remote Microphone, includes backbox (only one
FC-RM per system).
FC-LPS
Optional Local Playback Speaker.
BAT-1270
Battery, 12 volt, 7.0 AH (two required).
BAT-12120
Battery, 12 volt, 12.0 AH (two required).
BAT-12180
Battery, 12 volt, 18.0 AH (two required).


유사한 부품 번호 - FC-LPS

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
FC-LPS GAMEWELL-FCI-FC-LPS Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
More results

유사한 설명 - FC-LPS

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
INI-VGC GAMEWELL-FCI-INI-VGC Datasheet
210Kb / 4P
   Command center voice gateway
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GV-MP16-RC GAMEWELL-FCI-GV-MP16-RC Datasheet
152Kb / 2P
   Fire Command Center Multiplexed Voice Multiplexed Voice
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
   Emergency Voice Evacuation
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
INI-VGC GAMEWELL-FCI-INI-VGC_13 Datasheet
92Kb / 4P
   Intelligent Network Command Center
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
logo
Gamewell-FCI by Honeywe...
ILI95-MB-E3 GAMEWELL-FCI-ILI95-MB-E3 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com