전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD-SS 데이터시트(PDF) 2 Page - Gamewell-FCI by Honeywell

부품명 BD-SS
상세설명  Intelligent beam smoke detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
홈페이지  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

BD-SS 데이터시트(HTML) 2 Page - Gamewell-FCI by Honeywell

  BD-SS Datasheet HTML 1Page - Gamewell-FCI by Honeywell BD-SS Datasheet HTML 2Page - Gamewell-FCI by Honeywell BD-SS Datasheet HTML 3Page - Gamewell-FCI by Honeywell BD-SS Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD-SS and BDT-SS
CS-2516
09/01/06
Page 2 of 4
digital display will illuminate and read the current sensitivity setting in
percent obscuration. To change the sensitivity, continue to depress the
sensitivity switch until the desired setting is achieved. The digital display
will turn off automatically if no further switch presses occur.
In addition to the four standard sensitivity selections, the detector has two
Acclimate™ settings. When either Acclimate™ setting is chosen, the detec-
tor will automatically adjust its sensitivity using advanced software algo-
rithms to select the optimum sensitivity for the environment. The sensitiv-
ity will be continuously adjusted within the ranges specified in the chart
above.
Total obscuration can be converted to percent per foot, assuming uniform
smoke density for the entire length of the beam. The chart below converts
total obscuration percent per foot for all acceptable sensitivity settings.
Specifications
Operational Specifications
Protection range
16 to 230 feet (5 to 70 m), 230 to 328
feet (70 to 100 m) using optional
BEAMLRK kit.
Adjustment angle
±10° horizontal and vertical. Note that
the optics move independently of the unit.
Sensitivity (6 levels)
• Level 1 — 25%.
• Level 2 — 30%.
• Level 3 — 40%.
• Level 4 — 50%.
• Acclimate™ Level 5 — 30% to 50%.
• Acclimate™ Level 6 — 40% to 50%.
Fault condition (trouble)
• 96% or more obscuration blockage.
• In alignment mode.
• Improper initial alignment.
• Self-compensation limit reached.
Alignment aid
• Optical gunsight.
• Integral signal strength indication.
• Two-digit display.
Indicators
• Alarm — local red LED and remote alarm.
• Trouble — local yellow LED and remote
trouble.
• Normal — local flashing green LED.
Test/reset features
• Integral sensitivity test filter (BDT-SS
only, requires external power supply).
• Sensitivity filter (incremental scale on
reflector).
• Local alarm test switch.
• Local alarm reset switch.
• Remote test and reset switch (compatible
with RTS451 and RTS451KEY test
stations).
Smoke detector spacing
On smooth ceilings, 30 – 60 feet (9.1 to
18.3 m) between projected beams and
not more than one-half that spacing
between a projected beam and a sidewall.
Other spacing may be used depending on
ceiling height, airflow characteristics, and
response requirements. See NFPA 72.
Sensitivity
Setting
Percent
Obscuration
Display
Reading
Acceptable
DISTANCE
between
detector and
reflector (ft)
Acceptable
DISTANCE
between
detector and
reflector (m)
Level 1
25%
25
16.4 to 120
5.0 to 36.6
Level 2
30%
30
25 to 150
7.6 to 45.7
Level 3
40%
40
60 to 220
18.3 to 67
Level 4
50%
50
80 to 328
24.4 to 100
Acclimate™ Level 1
30% to 50%
A1
80 to 150
24.4 to 45.7
Acclimate™ Level 2
40% to 50%
A2
80 to 220
24.4 to 67
Reflector Mounting Guidelines


유사한 부품 번호 - BD-SS

제조업체부품명데이터시트상세설명
logo
C&K Components
BD-SERIES CK-COMPONENTS-BD-SERIES Datasheet
174Kb / 2P
   Standard Profile DIP Switches
More results

유사한 설명 - BD-SS

제조업체부품명데이터시트상세설명
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
FTX-P1 SYSTEMSENSOR-FTX-P1 Datasheet
79Kb / 2P
   Intelligent Photoelectric Smoke Detector
logo
Gamewell-FCI by Honeywe...
72223-160 GAMEWELL-FCI-72223-160 Datasheet
181Kb / 2P
   Reflective Beam Smoke Detector
logo
Systemsensor advanced i...
6924 SYSTEMSENSOR-6924 Datasheet
330Kb / 12P
   Projected Beam Type Smoke Detector
B210LP SYSTEMSENSOR-B210LP Datasheet
567Kb / 2P
   Low-Profile Intelligent Combination Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
logo
Systemsensor advanced i...
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
   Intelligent Non-Relay Photoelectric Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
   Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
logo
Systemsensor advanced i...
7251 SYSTEMSENSOR-7251 Datasheet
206Kb / 2P
   Low-Profile Plug-in Intelligent Laser Smoke Detector
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com