전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TG-5021BA 데이터시트(PDF) 1 Page - Epson ToYoCom

부품명 TG-5021BA
상세설명  TCXO ULTRA MINIATURE SIZE LOW PROFILE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPSONTOYOCOM [Epson ToYoCom]
홈페이지  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

TG-5021BA 데이터시트(HTML) 1 Page - Epson ToYoCom

  TG-5021BA Datasheet HTML 1Page - Epson ToYoCom TG-5021BA Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal oscillator
Crystal oscillator
Crystal oscillator
Crystal oscillator
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Specifications
Item
Symbol
VC-TCXO
TCXO
Remarks
13.000 MHz to 52.000 MHz
Output frequency range
f0
13 MHz, 19.2 MHz, 26 MHz, 27.456 MHz,38.4 MHz Standard frequency
Supply voltage
VCC
2.8 V±0.14 V
2.3 V to 3.6 V
Storage temperature
T_stg
-40
°C to +85 °C
Store as bare product after unpacking
Temperature
range
Operating temperature
T_use
-30
°C to +85 °C
Frequency tolerance
f_tol
±2.0 ×10
-6 Max.
After reflow,
VC=1.4 V, +25
°C
Frequency / temperature characteristics
fo-TC
±2.0 × 10
-6 Max.
-30
°C to +85 °C
Frequency / load coefficient
fo-Load
±0.2 × 10
-6 Max.
10 k
Ω // 10 pF ±10 %
Frequency / voltage coefficient
fo-VCC
±0.2 ×10
-6 Max.
2.8 V ± 0.14 V
Frequency aging
f_age
±1.0 ×10
-6 Max.
+25
°C, First year
2.0 mA Max.
13 MHz to 40 MHz
Current consumption
ICC
2.5 mA Max.
40 MHz to 52 MHz
Input resistance
Rin
500 k
Ω Min.
-
Vc-GND(DC)
Frequency control range
f_cont
±5.0 × 10
-6 to ±12.0 ×10-6
-
Vc=1.4 V ±1.0 V
Frequency change polarity
-
Positive polarity
-
Symmetry
SYM
40 % to 60 %
GND level (DC cut)
Output voltage
VPP
0.8 V Min.
Peak to peak
Load resistance
Load_R
10 k
Load capacitance
Load_C
10 pF
DC cut capacitor = 0.01 µF
Note:Please contact us for inquiries about specifications other than the above.
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
.
TCXO
ULTRA MINIATURE SIZE LOW PROFILE
TG - 5021BA
•Frequency range
:
13 MHz to 52 MHz
•Supply voltage
:
2.8 V Typ.
•External dimensions : 2.1 × 1.7 × 0.75 t mm Typ.
•Applications
:
Cellular phone(GSM,CDMA,WCDMA)
•Features
:
World’s smallest size,Low Noise
2.1
±0.1
1.06
#2
#1
#2
#4
#3
#3
0.45
#1
#4
26A3X1
72G1A
C0.15
Pin map
Connection
Pin
VC-TCXO
TCXO
1
VC
N.C.
2
GND
3
OUT
4
VCC
Resist
C
(ex. 0.01 µF)
#1
#2
#3
#4
1.65
0.6
Product Number (Please contact us )
X1G003571xxxx00


유사한 부품 번호 - TG-5021BA

제조업체부품명데이터시트상세설명
logo
Epson Company
TG-5021CE EPSON-TG-5021CE Datasheet
374Kb / 2P
   Wireless communication devices
TG-5021CG EPSON-TG-5021CG Datasheet
374Kb / 2P
   TCXO/VC-TCXO/Wireless communication devices
More results

유사한 설명 - TG-5021BA

제조업체부품명데이터시트상세설명
logo
Epson ToYoCom
TG-5010CG EPSONTOYOCOM-TG-5010CG Datasheet
312Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
TG-5005CE EPSONTOYOCOM-TG-5005CE Datasheet
362Kb / 1P
   TCXO MINIATURE SIZE LOW PROFILE
TCO-5860 EPSONTOYOCOM-TCO-5860 Datasheet
318Kb / 2P
   TCXO MINIATURE SIZE LOW PROFILE
logo
Epson Company
TG-5010LH EPSON-TG-5010LH Datasheet
249Kb / 2P
   TCXO MINIATURE SIZE LOW PROFILE
logo
Epson ToYoCom
TG-5005CG EPSONTOYOCOM-TG-5005CG Datasheet
315Kb / 2P
   TCXO MINIATURE SIZE LOW PROFILE HIGH STABILITY
FA-20H EPSONTOYOCOM-FA-20H Datasheet
472Kb / 2P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-128 EPSONTOYOCOM-FA-128_10 Datasheet
169Kb / 1P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-118 EPSONTOYOCOM-FA-118 Datasheet
376Kb / 2P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-20H EPSONTOYOCOM-FA-20H_10 Datasheet
187Kb / 1P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Vectron International, ...
OSC-3B2 VECTRON-OSC-3B2 Datasheet
277Kb / 4P
   Ultra Miniature TCXO
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com