전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-25-1W 데이터시트(PDF) 2 Page - Datatronic Distribution, Inc.

부품명 4-25-1W
상세설명  Wideband RF Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DATATRONICS [Datatronic Distribution, Inc.]
홈페이지  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

4-25-1W 데이터시트(HTML) 2 Page - Datatronic Distribution, Inc.

  4-25-1W Datasheet HTML 1Page - Datatronic Distribution, Inc. 4-25-1W Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
March 27, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
3
4
5
6
.270 Max
6.85
.300 Max
7.62
.250 Max
6.35
.015 Typ
0.38
.150 Min
3.81
.100
2.54
.200 Typ
5.08
0.18 Typ
0.45
.330 Typ
8.38
.010 Typ
0.25
Outline Dimensions
Type D
INCHES .XXX ± .010
MILLIMETERS .XX ± .25
1
2
3
4
5
6
.330
8.38
.015 Typ
0.38
.045-.050
1.14-1.27
.010 Typ
0.25
.250Max
6.35
Type J
1
2
3
4
5
6
Type W
.430
10.92
.250 Max
6.35
.010 Typ
.25
.015 Typ
0.38
.045-.050
1.14-1.27
.075
1.90


유사한 부품 번호 - 4-25-1W

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
4-25-1W_ BOURNS-4-25-1W_ Datasheet
352Kb / 3P
   Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
More results

유사한 설명 - 4-25-1W

제조업체부품명데이터시트상세설명
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
   Wideband RF Transformers
logo
Datatronic Distribution...
PT108-0 DATATRONICS-PT108-0 Datasheet
121Kb / 2P
   WIDEBAND RF TRANSFORMERS
logo
XFMRS Inc.
XFWB0946-CO XFMRS-XFWB0946-CO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB1155-DO XFMRS-XFWB1155-DO Datasheet
51Kb / 1P
   RF WIDEBAND TRANSFORMERS
1100 XFMRS-1100 Datasheet
30Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0936-CO XFMRS-XFWB0936-CO Datasheet
51Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com