전자부품 데이터시트 검색엔진 |
|
SM3300TX 데이터시트(PDF) 3 Page - Pletronics, Inc. |
|
SM3300TX 데이터시트(HTML) 3 Page - Pletronics, Inc. |
3 / 7 page SM33T Series 1.8 V CMOS Clock Oscillators February 2009 www.pletronics.com 425-776-1880 3 -180 -160 -140 -120 -100 -80 -60 -40 -20 0 10 1,000 100,000 10,000,000 Frequency (Hz) 19.4M 25M 32M 50M Electrical Specification for 1.80V + _5% over the specified temperature range Item Min Max Unit Condition Frequency Range 0.75 50 MHz Frequency Accuracy “00" “45 “44 -100 -50 -25 100 50 25 ppm For all supply voltages, load changes, aging for 1 year, shock, vibration and temperatures Output Waveform CMOS Output High Level 90 - % of V CC Cload = 15 pF (See load circuit) Output Low Level - 10 % Rise and Fall Time - 10 nS Output Symmetry 40 60 % at 50% point of V CC Enable/Disable Internal Pull-up 50 - Kohm to V CC V disable - 30 % of V CC applied to pad 1 V enable 70 - % Output leakage V OUT = VCC -10 +10 uA Pad 1 low, device disabled V OUT = 0V -10 +10 uA Standby Current I CC -10 uA Operating Current I CC -2.5 3.0 3.5 mA Fout < 20 MHz 20 MHz >= Fout <40 MHz Fout >= 40MHz Enable time - 10 mS Time for output to reach a logic state Disable time - 150 nS Time for output to reach a high Z state Start up time - 10 mS Time for output to reach specified frequency Aging -5 +5 ppm First year at 25 oC Operating Temperature Range -10 +70 oC Standard Temperature Range -40 +85 oC Extended Temperature Range “E” Option Storage Temperature Range -55 +100 oC Phase Noise Performance \ |
유사한 부품 번호 - SM3300TX |
|
유사한 설명 - SM3300TX |