전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM7620D 데이터시트(PDF) 8 Page - Pletronics, Inc.

부품명 SM7620D
상세설명  5.0 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PLETRONICS [Pletronics, Inc.]
홈페이지  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7620D 데이터시트(HTML) 8 Page - Pletronics, Inc.

  SM7620D Datasheet HTML 1Page - Pletronics, Inc. SM7620D Datasheet HTML 2Page - Pletronics, Inc. SM7620D Datasheet HTML 3Page - Pletronics, Inc. SM7620D Datasheet HTML 4Page - Pletronics, Inc. SM7620D Datasheet HTML 5Page - Pletronics, Inc. SM7620D Datasheet HTML 6Page - Pletronics, Inc. SM7620D Datasheet HTML 7Page - Pletronics, Inc. SM7620D Datasheet HTML 8Page - Pletronics, Inc. SM7620D Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SM76D Series 5.0 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
8
260°C Maximum
10 Seconds Maximum
215°C±10°C
Approximately 50 Seconds
Allowed rate of temperature change
Maximum 4°C per second
120 to 160 Seconds
100
150
200
250
175°C±10°C
Reflow Cycle (typical for lead free processing)
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250
Constant Dimensions Table 1
Tape
Size
D0
D1
Min
E1
P0
P2
S1
Min
T
Max
T1
Max
8mm
1.5
+0.1
-0.0
1.0
1.75
+
_0.1
4.0
+
_0.1
2.0
+
_0.05
0.6
0.6
0.1
12mm
1.5
16mm
1.5
2.0
+
_0.1
24mm
1.5
Variable Dimensions Table 2
Tape
Size
B1
Max
E2 Min
F
P1
T2
Max
W
Max
Ao, Bo &
Ko
24 mm
9.88
22.25
11.5 +
_0.1
16.0 +
_0.1
3.22
24.3
Note 1
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
Not to scale
REEL DIMENSIONS
A
inches
7.0
10.0
13.0
mm
177.8
254.0
330.2
B
inches
2.50
4.00
3.75
mm
63.5
101.6
95.3
Tape
Width
C
mm
13.0 +0.5 / -0.2
D
mm
---
---
24.4
+2.0
-0.0
24.0
Reel dimensions may vary from the above


유사한 부품 번호 - SM7620D

제조업체부품명데이터시트상세설명
logo
Pletronics, Inc.
SM7620DEV PLETRONICS-SM7620DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7620DEW PLETRONICS-SM7620DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7620DEX PLETRONICS-SM7620DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
SM7620DV PLETRONICS-SM7620DV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7620DW PLETRONICS-SM7620DW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
More results

유사한 설명 - SM7620D

제조업체부품명데이터시트상세설명
logo
Pletronics, Inc.
SM7745DE PLETRONICS-SM7745DE Datasheet
149Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM5545ME PLETRONICS-SM5545ME Datasheet
152Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745ME PLETRONICS-SM7745ME Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SQ3345DES PLETRONICS-SQ3345DES Datasheet
132Kb / 7P
   5.0 V CMOS Clock Oscillators
SM5545TE PLETRONICS-SM5545TE Datasheet
151Kb / 8P
   5.0 V CMOS Clock Oscillators
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com