전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM1120BDY 데이터시트(PDF) 6 Page - Pletronics, Inc.

부품명 SM1120BDY
상세설명  CMOS with Enable/ Disable, 3rd Overtone Crystal Used
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PLETRONICS [Pletronics, Inc.]
홈페이지  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM1120BDY 데이터시트(HTML) 6 Page - Pletronics, Inc.

  SM1120BDY Datasheet HTML 1Page - Pletronics, Inc. SM1120BDY Datasheet HTML 2Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 2 page
background image
SM76H Series 2.5 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
Label:
Laser marked on the ceramic
package metal cover
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad ½ oz. Typical
Gold plated 0.02 μinch (0.5 μm)
Pin 3 Ground plane is typical
Not to scale
1 Typical dimension
A
0.324 +_0.003
8.23 +_0.07
B
0.356 +_0.005
9.04 +_0.13
C
0.135 +_0.005
3.43 +_0.13
D1
0.062
1.57
E1
0.050
1.27
F1
0.050
1.27
G1
0.059
1.50
H1
0.020
0.51
J1
0.040
1.02
K1
0.200
5.08
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is logic low the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.


유사한 부품 번호 - SM1120BDY

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
SM1120A AITSEMI-SM1120A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM1120A AITSEMI-SM1120A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
More results

유사한 설명 - SM1120BDY

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Nel Frequency Controls,...
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com