전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLDA2K153H-F2BM 데이터시트(PDF) 3 Page - United Chemi-Con, Inc.

부품명 DLDA2K153H-F2BM
상세설명  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHEMI-CON [United Chemi-Con, Inc.]
홈페이지  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

DLDA2K153H-F2BM 데이터시트(HTML) 3 Page - United Chemi-Con, Inc.

  DLDA2K153H-F2BM Datasheet HTML 1Page - United Chemi-Con, Inc. DLDA2K153H-F2BM Datasheet HTML 2Page - United Chemi-Con, Inc. DLDA2K153H-F2BM Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
?STANDARD RATINGS
?DIMENSIONS (mm)
T max.
Fd
F 1.5
+
-
F 1.5
+
-
W max.
A Type
B Type
W max.
1800
(2000Vdc)
DLDA3S102H-F2DM
DLDA3S122H-F2DM
DLDA3S152H-F2DM
DLDA3S182H-F2DM
DLDA3S222H-F2DM
DLDA3S272H-F2DM
DLDA3S332H-F2DM
DLDA3S392H-F2DM
DLDA3S472H-F2DM
DLDA3S562H-F2DM
DLDA3S682H-F2DM
DLDA3S822H-F2DM
DLDA3S103H-F2DM
DLDA3S123H-F2DM
DLDA3S153H-F2DM
DLDA3S183H-F2DM
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
22.5
26.0
11.0
11.5
13.0
13.5
13.0
15.0
15.5
16.0
17.0
18.5
19.5
20.5
22.0
21.0
22.5
24.0
6.5
7.0
8.0
8.5
8.0
8.5
9.0
10.0
10.5
11.5
12.5
13.5
15.0
14.0
15.5
16.5
15.0
0.8
0.44
0.61
0.78
1.0
1.1
1.3
1.4
1.8
2.2
2.6
3.0
3.7
4.4
5.3
6.1
6.4
B
710
FDLDA182V102HNLDM0
FDLDA182V122HNLDM0
FDLDA182V152HNLDM0
FDLDA182V182HNLDM0
FDLDA182V222HNLDM0
FDLDA182V272HNLDM0
FDLDA182V332HNLDM0
FDLDA182V392HNLDM0
FDLDA182V472HNLDM0
FDLDA182V562HNLDM0
FDLDA182V682HNLDM0
FDLDA182V822HNLDM0
FDLDA182V103HNLDM0
FDLDA182V123HELDM0
FDLDA182V153HELDM0
FDLDA182V183HELDM0
WV
(VH)
Cap
(mF)
TYPE
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
Previous Part Number
(Just for your reference)
(1)The maximum ripple current : +85C max., 100kHz, sine wave
(2)WV(Vac) : 50Hz or 60Hz, sine wave
(3/3)


유사한 부품 번호 - DLDA2K153H-F2BM

제조업체부품명데이터시트상세설명
logo
ITT Industries
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
logo
Crydom Inc.,
DLD CRYDOM-DLD Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
CINCON ELECTRONICS Corp...
DLD CINCON-DLD Datasheet
304Kb / 2P
   57 WATT BUCK LED DRIVER
DLD-C035 CINCON-DLD-C035 Datasheet
304Kb / 2P
   57 WATT BUCK LED DRIVER
More results

유사한 설명 - DLDA2K153H-F2BM

제조업체부품명데이터시트상세설명
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACD631V473J0LGZ0 CHEMI-CON-FHACD631V473J0LGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com