전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD05-20B03 데이터시트(PDF) 5 Page - MORNSUN Science& Technology Ltd.

부품명 LD05-20B03
상세설명  3-5W,AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD05-20B03 데이터시트(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LD05-20B03 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC-DC Converter Application Guidelines
1. Foreword
The following guidelines should be carefully read prior to converter use.
Improper use may
result in the risk of electric shock, damaging the converter, or fire.
1.1
Risk of Injury
A.
To avoid the risk of burns, do not touch the heat sink or the converter
’s case.
B.
Do not touch the input terminals or open the case and touch internal components,
which cold result in electric shock or burns.
C.
When the converter is in operation, keep hands and face at a distance to avoid
potential injury during improper operation.
1.2
Installation Advice
A.
Please make sure the input terminals and signal terminals are properly connected in
accordance with the stated datasheet requirements.
B.
To ensure safe operation and meet safety standard requirements, install a slow
blow fuse at input of the converter.
C.
Installation and use of AC/DC converters should be handled by a qualified
professional.
D.
AC/DC converters are used in the primary transmission stage of a design and thus,
should be installed in compliance with certain safety standards.
E.
Please ensure that the input and output of the converter are incorporated into the
design out of the reach of the end user.
The end product manufacturer should also
ensure that the converter is protected from being shorted by any service engineer or
any metal filings.
F.
The application circuits and parameters shown are for reference only. All parameters
and circuits are to be verified before completing the circuit design.
G.
These guidelines are subject to change without notice; please check our website for
updates.
2. General AC-DC Converter Applications
2.1 Basic Application Circuit


유사한 부품 번호 - LD05-20B03

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LD05-20B03 MORNSUN-LD05-20B03 Datasheet
398Kb / 7P
   5W, AC/DC converter
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
More results

유사한 설명 - LD05-20B03

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LS05-15B03S MORNSUN-LS05-15B03S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LD05-23B03 MORNSUN-LD05-23B03_15 Datasheet
359Kb / 5P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com