전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSI-LXH55SUGD-150 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 SSI-LXH55SUGD-150
상세설명  5mm x 5mm 574mm ALLNGAP GREEN LED PANEL INDICATOR, GREEN DIFFUSED LENS, 6 WIRE LEADS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSI-LXH55SUGD-150 데이터시트(HTML) 1 Page - LUMEX INC.

  SSI-LXH55SUGD-150 Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - SSI-LXH55SUGD-150

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSI-LXH55SID-150 LUMEX-SSI-LXH55SID-150 Datasheet
80Kb / 1P
   5mm x 5mm 636mm ALLNGAP RED LED PANEL INDICATOR, RED DIFFUSED LENS, 6 WIRE LEADS
SSI-LXH55SOD-150 LUMEX-SSI-LXH55SOD-150 Datasheet
80Kb / 1P
   5mm x 5mm 610mm ALLNGAP ORANGE LED PANEL INDICATOR, ORANGE DIFFUSED LENS, 6 WIRE LEADS
SSI-LXH55SRD LUMEX-SSI-LXH55SRD Datasheet
56Kb / 1P
   5mm x 5mm 660mm SUPER RED LED PANEL INDICATOR RED DIFFUSED LENS
SSI-LXH55SRD-150 LUMEX-SSI-LXH55SRD-150 Datasheet
59Kb / 1P
   5mm x 5mm 660mm SUPER RED, PANEL INDICATOR, RED DIFFUSED LENS, 6 WIRE LEADS
SSI-LXH55SYD-150 LUMEX-SSI-LXH55SYD-150 Datasheet
80Kb / 1P
   5mm x 5mm 590mm ALLNGAP YELLOW LED PANEL INDICATOR YELLOW DIFFUSED LENS, 6 WIRE LEADS
More results

유사한 설명 - SSI-LXH55SUGD-150

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSI-LXH55GD-150 LUMEX-SSI-LXH55GD-150 Datasheet
58Kb / 1P
   5mm x 5mm 565mm GREEN LED PANEL INDICATOR, GREEN DIFFUSED LENS, 6 WIRE LEADS
SSI-LXH55SYD-150 LUMEX-SSI-LXH55SYD-150 Datasheet
80Kb / 1P
   5mm x 5mm 590mm ALLNGAP YELLOW LED PANEL INDICATOR YELLOW DIFFUSED LENS, 6 WIRE LEADS
SSI-LXH55SID-150 LUMEX-SSI-LXH55SID-150 Datasheet
80Kb / 1P
   5mm x 5mm 636mm ALLNGAP RED LED PANEL INDICATOR, RED DIFFUSED LENS, 6 WIRE LEADS
SSI-LXH55SOD-150 LUMEX-SSI-LXH55SOD-150 Datasheet
80Kb / 1P
   5mm x 5mm 610mm ALLNGAP ORANGE LED PANEL INDICATOR, ORANGE DIFFUSED LENS, 6 WIRE LEADS
SSI-LXR3816SUGD600 LUMEX-SSI-LXR3816SUGD600 Datasheet
100Kb / 1P
   T-5mm 574mm AllnGap GREEN LED PANEL INDICATOR
SSI-LXR3816SUGD5B1 LUMEX-SSI-LXR3816SUGD5B1 Datasheet
71Kb / 1P
   T-5mm 574mm AllnGap GREEN LED PANEL INDICATOR
SSI-LXR3816SUGD LUMEX-SSI-LXR3816SUGD Datasheet
110Kb / 1P
   T-5mm 574mm AllnGap GREEN LED PANEL INDICATOR
SSI-LXR3816SUGD150 LUMEX-SSI-LXR3816SUGD150 Datasheet
58Kb / 1P
   T-5mm 574mm AllnGap GREEN LED PANEL INDICATOR
SSI-LXR5010SUGD150 LUMEX-SSI-LXR5010SUGD150 Datasheet
60Kb / 1P
   T-5mm 574mm AllnGaP GREEN LED PANEL INDICATOR
SSI-LXR4815SUGD600 LUMEX-SSI-LXR4815SUGD600 Datasheet
96Kb / 1P
   T-5mm 574mm AllnGap GREEN LED PANEL INDICATOR LED
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com