전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E0515D-1W 데이터시트(PDF) 3 Page - MORNSUN Science& Technology Ltd.

부품명 E0515D-1W
상세설명  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0515D-1W 데이터시트(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  E0515D-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0515D-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0515D-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
E_D-1W & F_D-1W
A/2-2009
Page 3 of 3
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. In this datasheet, all the test methods of indications are based on corporate standards.
4. Only typical models listed, other models may be different, please contact our technical person for more details.
OUTLINE DIMENSIONS & PIN CONNECTIONS
2.54 [0.100]
2.54 [0.100]
10.00 [0.394]
20.00 [0.787]
12.00 [0.472]
14.70 [0.579]
8.60 [0.339]
5.30 [0.209]
0.60 [0.024]
14
8
7
1
9
10
10
7
8
1
14
1
8
7
9
10
NC
No Pin
Vin
GND
-Vo
+Vo
0V
14
NC
Vin
GND
0V
+Vo
Pin
Single
Dual
FOOTPRINT DETAILS
Note:
Unit:mm[inch]
Pin section tolerances: 0.10mm[ 0.004inch]
General tolerances: 0.25mm[ 0.010inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
DUAL OUTPUT
SINGLE OUTPUT
Note:
Unit :mm[inch]
General tolerances: 0.50mm[ 0.020inch]
L=530mm[20.866inch] Tube Quantity: 25pcs
L=220mm[8.661inch]
Tube Quantity: 10pcs
∅∅
1.00 [
0.039]
4.10 [0.161]
0.50 [0.020]
0.30 [0.012]
2.54 [0.100]
0.50 [0.020]
15.24 [0.600]
7.62 [0.300]
7.00 [0.276]
17
148
9
10
17.78 [0.700]
∅∅
1.00 [
0.039]
(Side View)
(Bottom View)
NC: No connection


유사한 부품 번호 - E0515D-1W

제조업체부품명데이터시트상세설명
logo
Guangzhou Reicu Electro...
E0515D-1W REICU-E0515D-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
E0515D-1WR2 MORNSUN-E0515D-1WR2 Datasheet
256Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
E0515D-1WR2 REICU-E0515D-1WR2 Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
More results

유사한 설명 - E0515D-1W

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com