전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL-LXA228IC-TR21 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 SSL-LXA228IC-TR21
상세설명  635nm RED AXIAL LEADED LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LXA228IC-TR21 데이터시트(HTML) 1 Page - LUMEX INC.

  SSL-LXA228IC-TR21 Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - SSL-LXA228IC-TR21

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LXA228IC-TR21 LUMEX-SSL-LXA228IC-TR21_17 Datasheet
66Kb / 1P
   635mm RED AXIAL LEADED LED
More results

유사한 설명 - SSL-LXA228IC-TR21

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LXA228IC-TR31 LUMEX-SSL-LXA228IC-TR31 Datasheet
68Kb / 1P
   635nm RED, AXIAL LED
SSL-LXA228IC-TR21 LUMEX-SSL-LXA228IC-TR21_17 Datasheet
66Kb / 1P
   635mm RED AXIAL LEADED LED
SSL-LXA228DRC-TR21 LUMEX-SSL-LXA228DRC-TR21 Datasheet
64Kb / 1P
   650mm DEEP RED Axial LEADED LED
SSL-LXA228SIC-TR31 LUMEX-SSL-LXA228SIC-TR31 Datasheet
67Kb / 1P
   636nm ALLNGAP RED AXIAL LEADED LED
SSL-LXA228SRC-TR21 LUMEX-SSL-LXA228SRC-TR21 Datasheet
66Kb / 1P
   660nm SUPER RED AXIAL LEADED LED
LDD-HTF304NI LUMEX-LDD-HTF304NI Datasheet
116Kb / 1P
   LED DISPALY, 635nm RED CHIPS
SSL-LX4064ID LUMEX-SSL-LX4064ID Datasheet
51Kb / 1P
   T-4mm 635nm RED LED
SSL-LXA228SIC-TR21 LUMEX-SSL-LXA228SIC-TR21 Datasheet
63Kb / 1P
   636nm SUPER INTENSITY RED AXIAL LEADED LED
SSL-LX4073ID LUMEX-SSL-LX4073ID Datasheet
52Kb / 1P
   T-4.7mm 635nm RED LED
SSI-LXMP059ID-150 LUMEX-SSI-LXMP059ID-150 Datasheet
87Kb / 1P
   635nm RED RECTANGULAR LED PANEL INDICATOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com