전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA160 데이터시트(PDF) 1 Page - MIC GROUP RECTIFIERS

부품명 SMA160
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MIC [MIC GROUP RECTIFIERS]
홈페이지  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SMA160 데이터시트(HTML) 1 Page - MIC GROUP RECTIFIERS

  SMA160 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMA160 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMA160 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMA160 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Stand-off Voltage
5.0 to 170 Volts
SMA5.0 THRU SMA170CA
Peak Pulse Power
300 Watts
FEATURES
For surface mounted applications in order to
optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition Rate (duty cycle): 0.01%
Fast response time: typical less than 1.0ps
from 0 volts to BV for unidirectional types
Typical ID less than 1μA above 10V
High temperature soldering:
250℃/W seconds at terminals
Plastic package has Underwriters
Laboratory Flammability Classification 94V-O
MECHANICAL DATA
Cass: JEDEC DO-214 AC, low profile molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band except bi-directional types
Weight: 0.002 ounces, 0.064 gram
Standard Packaging: 12mm tape per (EIA-481)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Symbols
Value
Unit
Peak Pulse Power Dissipation at TA=25℃(NOTE1,2,5)Fig.1
PPPM
Minimum 400
Watts
Peak Forward Surge Current per Figure 5 (NOTE 3)
IFSM
40.0
Amps
Peak Pulse Current on 10/10000μs wave from (NOTE1,FIG.2)
IPPM
See Table 1
Amps
Steady Stage Power Dissipation (Note 4)
PM(AV)
1.0
Watts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to + 150
Notes:
1.
Non-repetitive current pulse, per Fog.3 and derated above TA=25℃ per Fig.2
2.
mounted on 5.0mm
2 copper pads to each terminal.
3.
8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4.
Lead temperature at 75℃ = TL.
5.
Peak pulse power waveform is 10/1000μS.
DO-214AC(SMA)
Dimensions in inches and (millimeters)


유사한 부품 번호 - SMA160

제조업체부품명데이터시트상세설명
logo
First Components Intern...
SMA160 FCI-SMA160 Datasheet
124Kb / 2P
   1.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
logo
SUNMATE electronic Co.,...
SMA160 SUNMATE-SMA160 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA160A SUNMATE-SMA160A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA160C SUNMATE-SMA160C Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA160CA SUNMATE-SMA160CA Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

유사한 설명 - SMA160

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com