전자부품 데이터시트 검색엔진 |
|
SN74AC245N 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
SN74AC245N 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 6 page SN54AC245, SN74AC245 OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCAS461D – FEBRUARY 1995 – REVISED DECEMBER 1996 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V " 5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C SN54AC245 SN74AC245 UNIT PARAMETER (INPUT) (OUTPUT) MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB BorA 1.5 3.5 6.5 1 8.5 1 7 ns tPHL A or B B or A 1.5 3.5 6 1 7.5 1 7 ns tPZH OE AorB 1.5 5 8.5 1 10 1 9 ns tPZL OE A or B 1.5 5.5 9 1 10.5 1 9.5 ns tPHZ OE AorB 1.5 5.5 9 1 10.5 1 10 ns tPLZ OE A or B 1.5 5.5 9 1 10.5 1 10 ns operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per transceiver CL = 50 pF, f = 1 MHz 45 pF PARAMETER MEASUREMENT INFORMATION tPHL tPLH tPLH tPHL Input Out-of-Phase Output 50% 50% 50% VCC 50% VCC 50% VCC 50% VCC VCC 0 V VOL VOH VOH VOL In-Phase Output VOLTAGE WAVEFORMS From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at Open (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 50% VCC 50% VCC [ VCC 0 V 50% VCC VOL + 0.3 V 50% VCC VOH – 0.3 V [0 V VCC Open VOLTAGE WAVEFORMS tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 2 × VCC Open TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr v 2.5 ns, tf v 2.5 ns. D. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - SN74AC245N |
|
유사한 설명 - SN74AC245N |