전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2564UC18X 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FAN2564UC18X
상세설명  300mA Low VIN LDO for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2564UC18X 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN2564UC18X Datasheet HTML 5Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 6Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 7Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 8Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 9Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 10Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 11Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 12Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2564 • Rev. 1.0.1
9
Application Information
Enable and Soft Start
A 1.4 M
Ω pull-down resistor ensures the EN pin to be in
LOW state when it is floating. The chip is in shut-down
mode when EN pin is LOW.
To enable the chip, the EN pin needs to be raised higher
than 0.95V. The output pin starts to charge up to the
final voltage. On-chip soft-start circuitry limits the peak
inrush current through VIN pin to less than the specified
typical value of 500mA, regardless of COUT value and
load conditions.
The startup time increases as VOUT, COUT, and load in-
creases, but meets the specified 100µs under the worst
load and VOUT conditions.
Short-Circuit and Thermal Protection
The output current is short-circuit protected. When a
short-circuit fault occurs, the output current is automati-
cally limited and VOUT drops, depending on the actual
short-circuit resistance.
Short-circuit fault or output overload may cause the die
temperature to increase and exceed maximum ratings
due to power dissipation. In such cases, depending
upon the ambient temperature; VIN, load current, and the
junction-to-air thermal resistance (θJA) of the die; the
device may enter thermal shutdown.
When the die temperature exceeds the shutdown limit
temperature, the onboard thermal protection disables
the output until the temperature drops below its hyteresis
value, at which point the output is re-enabled and a new
soft-start sequence occurs as described above.
Thermal Considerations
For best performance, the die temperature and the
power dissipated should be kept at moderate values.
The maximum power dissipated can be evaluated based
on the following relationship:
Θ
=
JA
A
(max)
J
(max)
D
T
T
P
(1)
where TJ(max) is the maximum allowable junction tem-
perature of the die and TA is the ambient operating tem-
perature. θJA is dependent on the surrounding PCB lay-
out and can be improved by providing a heat sink of sur-
rounding copper ground.
The addition of backside copper with through-holes, stiff-
eners, and other enhancements can also aid in reducing
θJA. The heat contributed by the dissipation of other de-
vices located nearby must be included in design consid-
erations.
Capacitors Selection
The FAN2564 is stable with a wide range of capacitor
values and sizes.
For loop stability, a 1µF input capacitor or bigger is rec-
ommended. Tolerance, temperature, and voltage coeffi-
cients of the capacitor must be considered to ensure
effective capacitance stays around 1µF or above. There
is no special requirement on its ESR value.
An output capacitor with an effective capacitance be-
tween 1µF and 10µF is required for loop stability. The
ESR value should be within 5 to 100m
Ω. 2.2µF or 4.7µF
ceramic capacitors are recommended to ensure stability
over the full temperature, input, and output voltage
range of operation, such as those listed in Table 1.
Table 1. Recommended Capacitors
Capacitance
Size
Vendor
Part Number
1
μF
0603
MURATA
GRM188R71C105KA120
2.2
μF
0603
MURATA
GRM188R61A225KF340
2.2
μF
0402
MURATA
GRM155R60J225ME15
4.7
μF
0603
MURATA
GRM188C80G475KE19
4.7
μF
0402
MURATA
GRM155R60G475M


유사한 부품 번호 - FAN2564UC18X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2564UC18X FAIRCHILD-FAN2564UC18X Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results

유사한 설명 - FAN2564UC18X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com