전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2564UMP18X 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN2564UMP18X
상세설명  300mA Low VIN LDO for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2564UMP18X 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN2564UMP18X Datasheet HTML 1Page - Fairchild Semiconductor FAN2564UMP18X Datasheet HTML 2Page - Fairchild Semiconductor FAN2564UMP18X Datasheet HTML 3Page - Fairchild Semiconductor FAN2564UMP18X Datasheet HTML 4Page - Fairchild Semiconductor FAN2564UMP18X Datasheet HTML 5Page - Fairchild Semiconductor FAN2564UMP18X Datasheet HTML 6Page - Fairchild Semiconductor FAN2564UMP18X Datasheet HTML 7Page - Fairchild Semiconductor FAN2564UMP18X Datasheet HTML 8Page - Fairchild Semiconductor FAN2564UMP18X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2564 • Rev. 1.0.1
3
Pin Configuration
Figure 3.
WLCSP Bumps Facing Down
Figure 4.
WLCSP, Bumps Facing Up
Figure 5.
UMLP, Leads Facing Down
Pin Definitions
Pin #
WLCSP
UMLP
Name
Description
A1
6
GND
Ground
. Power and IC ground. All signals are referenced to this pin.
B1
4
VOUT
VOUT. Connect to output voltage.
B2
3
VIN
Input Voltage
. Connect to input power source.
A2
1
EN
Enable
. The device is in shutdown mode when voltage to this pin is <0.4V
and enabled when >0.95V.
5
NC
No connect.
2
NC
No connect.
B2
A2
B1
A1
GND
VOUT
EN
VIN
B1
A1
B2
A2
GND
VOUT
EN
VIN


유사한 부품 번호 - FAN2564UMP18X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2564UMP18X FAIRCHILD-FAN2564UMP18X Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results

유사한 설명 - FAN2564UMP18X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com