전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0808S250 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 ADC0808S250
상세설명  Single 8-bit ADC, up to 125 MHz or 250 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0808S250 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button ADC0808S250 Datasheet HTML 4Page - NXP Semiconductors ADC0808S250 Datasheet HTML 5Page - NXP Semiconductors ADC0808S250 Datasheet HTML 6Page - NXP Semiconductors ADC0808S250 Datasheet HTML 7Page - NXP Semiconductors ADC0808S250 Datasheet HTML 8Page - NXP Semiconductors ADC0808S250 Datasheet HTML 9Page - NXP Semiconductors ADC0808S250 Datasheet HTML 10Page - NXP Semiconductors ADC0808S250 Datasheet HTML 11Page - NXP Semiconductors ADC0808S250 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADC0808S125_ADC0808S250_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 24 February 2009
8 of 23
NXP Semiconductors
ADC0808S125/250
Single 8-bit ADC, up to 125 MHz or 250 MHz
7.5 Full-scale input selection
The ADC0808S has an internal reference circuit which can be overruled by an external
reference voltage. This can be done with the full-scale reference voltage (Vref(fs))
according to Table 9.
The ADC provides the required common-mode voltage on pin CMADC. In case of internal
regulation, the regulator output voltage on pin CMADC is 0.95 V.
The internal reference circuit is enabled by connecting pin FSIN to ground. The
common-mode output voltage VO(cm) on pin CMADC will then be 0.95 V, and the
maximum peak-to-peak input voltage Vi(p-p)(max) will be 2.0 V; see Figure 7 and Figure 8.
The ADC full-scale input selection principle is shown in Figure 9.
Fig 6.
Complete conversion signal timing diagram using CCS
001aab893
CCS (fclk)
CCS (fclk / 2)
D0 to D7
50 %
50 %
data
n
− 2n − 1
data
data
data
n
+ 1
n
td(CCS)
Table 9.
Full-scale input selection
Full-scale reference voltage
Vref(fs)
Common-mode output
voltage VO(cm)
Maximum peak-to-peak input
voltage Vi(p-p)(max)
1.15 V
0.8 V
1.825 V
1.20 V
0.86 V
1.91 V
1.25 V
0.94 V
1.99 V
1.30 V
1.01 V
2.08 V
1.35 V
1.09 V
2.16 V


유사한 부품 번호 - ADC0808S250

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ADC0808S250 NXP-ADC0808S250 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
ADC0808S250 NXP-ADC0808S250 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
Integrated Device Techn...
ADC0808S250 IDT-ADC0808S250 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
ADC0808S250HW-C1 IDT-ADC0808S250HW-C1 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S250HW/C1 NXP-ADC0808S250HW/C1 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
More results

유사한 설명 - ADC0808S250

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
ADC0808S125 IDT-ADC0808S125 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S125 NXP-ADC0808S125_09 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
logo
Renesas Technology Corp
ADC0808S RENESAS-ADC0808S Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com