전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC-321 데이터시트(PDF) 5 Page - Murata Power Solutions Inc.

부품명 ADC-321
상세설명  8-Bit, 50MHz Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA-PS [Murata Power Solutions Inc.]
홈페이지  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-321 데이터시트(HTML) 5 Page - Murata Power Solutions Inc.

  ADC-321 Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 6Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 7Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 2-3. ADC-321 Timing Diagram
1
8
9
16
32
25
24
17
A/D CLOCK
+5V (A)
7
6
5
4
3
2
15
14
13
12
11
10
18
19
20
21
22
23
26
27
28
29
30
31
+5V (D)
47μF
47μF
10μH
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8 (LSB)
10μH
5V
1k
1k
+12V
–12V
0.1μF
10pF
33
0.1μF
5k
500
10μF
500
100
+5V (A)
+12V
+12V
500
470μF
180
1k
2k
47μF
47μF
ANALOG IN
120
–12V
500
ADC-321
0.1μF
74HC04
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
Figure 3. Typical Connection Diagram
CLOCK 1.3V
ANALOG
SIGNAL
DATA
OUTPUTS
N–3
N–2
N–1
N
N
N+1
N+2
N+3
TPW1
TPW0
Tds
TPLH
TPHL
Internal Operation of the ADC-321
S = Sample Mode, H = Hold Mode, C = Comparate Mode
LOWER OUTPUT
DATA 2
LD (N–3)
LD (N–1)
LD (N+1)
1
LOWER SAMPLING
COMPARTOR 2
H (N–1)
C (N–1)
S (N+1)
H (N+1)
C (N+1)
S (N+3)
H (N+3)
1
LOWER OUTPUT
DATA 1
LD (N–2)
LD (N)
1
S (N)
S (N+1)
C (N)
C (N+1)
UPPER SAMPLING
COMPARTOR
S (N+2)
C (N+2)
S (N+3)
C (N+3)
1
UPPER OUTPUT
DATA
UD (N–1)
UD (N)
UD (N+1)
UD (N+2)
1
LOWER SAMPLING
COMPARTOR 1
S (N)
H (N)
C (N)
S (N+2)
H (N+2)
C (N+2)
1
1
10ns min. 10ns min.
0ns typ.
ADC-321
8-Bit, 50MHz Video A/D Converter
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDA_ADC-321.B01 Page 5 of 8


유사한 부품 번호 - ADC-321

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
More results

유사한 설명 - ADC-321

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com