전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC-10-4-75+ 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 ADC-10-4-75+
상세설명  Directional Coupler 75廓 5 to 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADC-10-4-75+ 데이터시트(HTML) 1 Page - Mini-Circuits

  ADC-10-4-75+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
In
Return Loss
(dB)
Out
Cpl
Typical Performance Data
Directional Coupler Electrical Specifications
Maximum Ratings
Pin Connections
Features
• cable tv
• communications
• wideband, 5-1000 MHz
• low mainline loss, 0.9 db typ.
• excellent coupling flatness, ±0.2 typ.
• aqueous washable
• protected by U.S Patents 6,133,525 & 6,140,887
Applications
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
CASE STYLE: CD542
PRICE:$6.95 ea. QTY (10-49)
Demo Board MCL P/N: TB-08
Suggested PCB Layout (PL-042)
Outline Drawing
Outline Dimensions (
)
inch
mm
L= 5-50 MHz
M= 50-500 MHz
U= 500-1000 MHz
1. Mainline loss includes theoretical power loss at coupled port.
ADC-10-4-75
MAINLINE LOSS
0.5
0.7
0.9
1.1
1.3
1.5
0
200
400
600
800
1000
FREQUENCY (MHz)
at RF level of -10 dBm
ADC-10-4-75
COUPLING & DIRECTIVITY
0
10
20
30
40
50
60
0
200
400
600
800
1000
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -10 dBm
ADC-10-4-75+
ADC-10-4-75
ADC-10-4-75
RETURN LOSS
10
20
30
40
50
60
70
0
200
400
600
800
1000
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -10 dBm
75
5 to 1000 MHz
Directional Coupler
REV. E
M119986
ED-6560/1
ADC-10-4-75
WZ/TD/CP/AM
081111
Surface Mount
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
FREQ.
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT, W
Nom.
Flatness
L
Typ. Max.
M
Typ. Max.
U
Typ. Max.
L
Typ. Min.
M
Typ. Min.
U
Typ. Min.
Typ.
L
MU
Max. Max.
f
L-fU
5-1000
10.5±0.5
±0.5
0.85 1.4
0.9 1.4
1.0 1.4
40 20
18 12
12
8
1.2
1.0
1.0
INPUT
1
OUTPUT
6
COUPLED
3
GROUND
2
75Ω TERM EXTERNAL
4
ISOLATE (DO NOT USE)
5
5.00
0.86
10.49
39.77
21.07
35.08
19.58
20.00
0.85
10.47
44.02
21.45
54.46
20.21
30.00
0.87
10.47
42.61
21.33
45.16
20.18
50.00
0.88
10.54
37.53
21.23
39.56
20.11
200.00
0.94
10.44
24.51
21.30
19.31
20.41
300.00
0.95
10.45
20.79
20.99
25.49
20.87
500.00
0.96
10.68
15.89
19.89
21.12
22.93
700.00
0.97
10.87
13.00
17.97
18.87
25.71
800.00
1.00
10.91
12.16
17.94
19.06
27.11
1000.00
1.02
10.93
11.40
17.55
20.58
24.44
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
Electrical Schematic
Permanent damage may occur if any of these limits are exceeded.


유사한 부품 번호 - ADC-10-4-75+

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75R++ MINI-ADC-10-4-75R+ Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results

유사한 설명 - ADC-10-4-75+

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
TCD-13-4-75 MINI-TCD-13-4-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-15-4-75 MINI-ADC-15-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-20-4-75 MINI-ADC-20-4-75 Datasheet
243Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-25-4-75 MINI-ADC-25-4-75 Datasheet
277Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
TCD-10-4-75 MINI-TCD-10-4-75 Datasheet
251Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-12-7550 MINI-ADC-12-7550 Datasheet
281Kb / 1P
   Directional Coupler 50/75廓 5 to 1000 MHz
LRDC-10-2-75 MINI-LRDC-10-2-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 30 to 1000 MHz
LRDC-10-2-75J MINI-LRDC-10-2-75J Datasheet
253Kb / 1P
   Directional Coupler 75廓 30 to 1000 MHz
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com