전자부품 데이터시트 검색엔진 |
|
SN74AC74NSRE4 데이터시트(PDF) 6 Page - Texas Instruments |
|
SN74AC74NSRE4 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 17 page SN54AC74, SN74AC74 DUAL POSITIVEEDGETRIGGERED DTYPE FLIPFLOPS WITH CLEAR AND PRESET SCAS521F − AUGUST 1995 − REVISED OCTOBER 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION 50% VCC 50% VCC 50% VCC 50% VCC VCC VCC 0 V 0 V th tsu VOLTAGE WAVEFORMS Data Input tPLH tPHL tPHL tPLH VOH VOH VOL VOL 50% VCC 50% VCC VCC 0 V 50% VCC 50% VCC Input Out-of-Phase Output In-Phase Output Timing Input 50% VCC VOLTAGE WAVEFORMS From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω Open tPLH/tPHL Open TEST S1 VCC 0 V 50% VCC 50% VCC tw VOLTAGE WAVEFORMS Input NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr v 2.5 ns, tf v 2.5 ns. C. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - SN74AC74NSRE4 |
|
유사한 설명 - SN74AC74NSRE4 |