전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDC_MEV 데이터시트(PDF) 3 Page - Murata Manufacturing Co., Ltd.

부품명 KDC_MEV
상세설명  3kVDC Isolated 1W Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KDC_MEV 데이터시트(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  KDC_MEV Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KDC_MEV Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KDC_MEV Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. KDC_MEV Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MEV Series
3kVDC Isolated 1W Single Output DC/DC Converters
KDC_MEVC.A01 Page 3 of 4
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
RIPPLE & NOISE CHARACTERISATION METHOD
All measurement to be taken with the following components connected to the UUT as detailed below.
50 Ohm coax cable, solder connections one end, BNC plug at the other end.
C1
– 1μF X7R multilayer ceramic capacitor rated at minimum 3 x the output voltage of the UUT
C2
– 10μF tantalum capacitor rated at minimum 1.5 x the output voltage of the UUT with ESR of less
than 100 milliohms at 100 kHz e.g. AVX TPS series.
C3
– 100nF multilayer ceramic capacitor, general purpose
R1
– 450 Ohm resistor, carbon film, ±1%
R2
– 50 Ohm BNC termination
T1
– 3T of the coax cable through a ferrite toroid eg Ferroxcube TN32/19/13-3E25
RLOAD – Resistive load at the UUT maximum rating. Connections via twisted wires.
Differential Mode Noise Test Schematic
OSCILLOSCOPE
Y INPUT
SUPPLY
C1 C2 C3
R1
T1
R2
Input
Output
DC/DC Converter
R LOAD
+
+
-
-
EFFICIENCY VS LOAD
MEV 5V Input Voltage
MEV 12V Input Voltage
0
10
20
30
40
50
60
70
80
90
0
10203040
5060708090
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
10203040
5060708090
100
Load (%)
5V
9V
15V
12V


유사한 부품 번호 - KDC_MEV

제조업체부품명데이터시트상세설명
logo
Schneider Electric
KDC1H SCHNEIDER-KDC1H Datasheet
112Kb / 2P
   operating head 45 x 45 mm - black handle
Feb 10, 2022
logo
IDEA.lnc.
KDC4251-5 IDEA-KDC4251-5 Datasheet
24Kb / 1P
   Water Clear LED
KDC4381-5 IDEA-KDC4381-5 Datasheet
24Kb / 1P
   Small View Angle, Water Clear LED
logo
SYNERGY MICROWAVE CORPO...
KDCO615712-5 SYNERGY-KDCO615712-5 Datasheet
289Kb / 3P
   Planar Resonator Construction
KDCRO275327-10 SYNERGY-KDCRO275327-10 Datasheet
271Kb / 3P
   Lead Free Patented REL-PRO짰 Technology
More results

유사한 설명 - KDC_MEV

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPR-1W TOPPOWER-TPR-1W Datasheet
778Kb / 4P
   1W 3KVDC Isolated Single Output DC/DC Converters
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
   1W 3KVDC Isolated Regulated Single Output DC/DC Converters
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPET TOPPOWER-TPET_V02 Datasheet
249Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET Datasheet
190Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com