전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSN-T10-D12J 데이터시트(PDF) 3 Page - Murata Manufacturing Co., Ltd.

부품명 LSN-T10-D12J
상세설명  Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSN-T10-D12J 데이터시트(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LSN-T10-D12J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSN-T10-D12J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSN-T10-D12J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSN-T10-D12J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSN-T10-D12J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSN-T10-D12J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSN-T10-D12J Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSN-T10-D12J Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSN-T10-D12J Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LSN-T/10-D12
Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
LSN-T10-D12.B01 Page 3 of 12
Input
Input Voltage Range
10-14 Volts (12V nominal)
Input Current:
Normal Operating Conditions
See Ordering Guide
Inrush Transient
0.02A2sec
Standby/Off Mode
5mA
Output Short-Circuit Condition
60mA average
Input Reflected Ripple Current
30mAp-p
Input Filter Type
Capacitive
Overvoltage Protection
None
Reverse-Polarity Protection
None
Start-up Voltage
9.2 Volts
Undervoltage Shutdown
8 Volts
On/Off Control
On = Pin open to +VIN max.
Positive Polarity (no suffix)
Off = Zero (ground) to +0.8V max.
Negative Polarity
On = Pin open or grounded to +0.3V
Off = +2.5V to +VIN max.
On/Off Current
0.5 mA maximum
Output
Maximum Output Power
51 Watts
VOUT Accuracy (50% load)
±2%
Minimum Loading
No minimum load
Maximum Capacitive Load
2,000μF (ESR < 0.02 Ohms)
10,000μF (ESR > 0.02 Ohms)
VOUT Trim Range
+0.7525 to +5.5 Volts (no load)
Ripple/Noise (20MHz BW)
See Ordering Guide
Extreme Accuracy
3% max. over line/load/temperature
Efficiency
See Ordering Guide
Pre-Bias Startup
Converter will start up if the external output
voltage is less than Vsetpoint
Overcurrent Detection and Short-Circuit Protection:
Current-Limit Inception
Cold Condition
21 Amps
Short-Circuit Detection Point
98% of VOUT set
SC Protection Technique
Hiccup with auto recovery
Short-Circuit Current
400mA average
Dynamic Characteristics
Transient Response (50-100-50% load) 50μsec to ±2% of final value
Start-Up Time:
VIN to VOUT and On/Off to VOUT
8msec
Switching Frequency:
250 ±30 KHz
Environmental
Calculated MTBF
TBC
Operating Temperature: (Ambient)
Without Derating (Natural convection) –40 to +85°C
With Derating
See Derating Curves
Storage Temperature
-40 to +125°C
Thermal Shutdown
+115°C
Physical
Dimensions
See Mechanical Specifications
Pin Dimensions/Material
0.03" (0.76mm) dia. round copper with
tin plate over nickel underplate.
Length: 0.17” (4.32mm)
Weight
0.3 ounces (8.5g)
Flamability Rating
UL94V-0
Performance/Functional Specifications
Typical @ TA = +25°C under nominal line voltage, VOUT=5V, and full-load conditions unless noted.
All models are tested and specified with external 22μF tantalum input and 10 || 1μF output
capacitors.These capacitors are necessary to accommodate our test equipment and may not
be required to achieve specified performance in your applications. All models are stable and
regulate within spec under no-load conditions.
See Technical Notes and Performance Curves for details.
The On/Off Control (pin 11) is designed to be driven with open-collector logic or the appli-
cation of appropriate voltages (referenced to Common, pins 5 and 6).
Output noise may be further reduced with the installation of additional external output
filtering. See I/O Filtering and Noise Reduction.
MTBF’s are calculated using Telcordia SR-332(Bellcore), ground fixed, TA = +25°C, full
power, natural convection.
Do not exceed maximum rated output power when adjusting the output voltage.
Input Voltage:
Continuous or transient
14 Volts
On/Off Control (Pin 11)
+VIN
Input Reverse-Polarity Protection
None
Output Overvoltage Protection
None
Output Current
Current limited. Devices can
withstand sustained output short
circuits without damage.
Storage Temperature
–40 to +125°C
Lead Temperature (soldering, 10 sec.)
+280°C
These are stress ratings. Exposure of devices to any of these conditions may adversely
affect long-term reliability. Proper operation under conditions other than those listed in
the Performance/Functional Specifications Table is not implied.
Absolute Maximum Ratings


유사한 부품 번호 - LSN-T10-D12J

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LSN-T/16-D12 MURATA-LSN-T/16-D12 Datasheet
309Kb / 13P
   Single Output, Non-Isolated, 12VIN, 0.75-5VOUT 16 Amp in DC/DCs SIP Packages
LSN-T/16-W3 MURATA-LSN-T/16-W3 Datasheet
249Kb / 8P
   Non-Isolated, 3-5.5VIN, 0.75-3.3VOUT 16 Amp DC/DC Converters
More results

유사한 설명 - LSN-T10-D12J

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
LSN10A-D12 MURATA-LSN10A-D12 Datasheet
377Kb / 12P
   Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
logo
Murata Power Solutions ...
OKX-T5-W5 MURATA-PS-OKX-T5-W5 Datasheet
847Kb / 13P
   Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
OKX-T3-D12 MURATA-PS-OKX-T3-D12 Datasheet
2Mb / 15P
   Adjustable 3-Amp SIP Non-Isolated DC/DC Converters
OKX-T5-D12 MURATA-PS-OKX-T5-D12 Datasheet
2Mb / 15P
   Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
OKX-T3-W5 MURATA-PS-OKX-T3-W5 Datasheet
750Kb / 15P
   Adjustable 3-Amp SIP Non-Isolated DC/DC Converters
logo
Astec America, Inc
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
Murata Manufacturing Co...
LSN16A-D12 MURATA-LSN16A-D12 Datasheet
309Kb / 13P
   Single Output, Non-Isolated, 12VIN, 0.75-5VOUT 16 Amp in DC/DCs SIP Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com