전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEF0100200B0C 데이터시트(PDF) 17 Page - Murata Manufacturing Co., Ltd.

부품명 NEF0100200B0C
상세설명  Non-Isolated 10A SIP DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NEF0100200B0C 데이터시트(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button NEF0100200B0C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NEF0100200B0C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NEF0100200B0C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NEF0100200B0C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NEF0100200B0C Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. NEF0100200B0C Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. NEF0100200B0C Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. NEF0100200B0C Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. NEF0100200B0C Datasheet HTML 18Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Murata Power Solutions
17
NEA/NEF10_6200850000_B01_21/04/08
Volant NEA/NEF010 Series
Non-Isolated 10A SIP DC/DC Converters
Ordering Information
Note: SMT versions are also available. See applicable datasheet for details.
Part Number
Vin
Vout
Iout Enable Logic
Pin Length
NEF0100101B0C 8.3V - 14.0V
1.0V
10A
Positive
0.139"
NEF0100121B0C 8.3V - 14.0V
1.2V
10A
Positive
0.139"
NEF0100151B0C 8.3V - 14.0V
1.5V
10A
Positive
0.139"
NEF0100181B0C 8.3V - 14.0V
1.8V
10A
Positive
0.139"
NEF0100201B0C 8.3V - 14.0V
2.0V
10A
Positive
0.139"
NEF0100251B0C 8.3V - 14.0V
2.5V
10A
Positive
0.139"
NEF0100331B0C 8.3V - 14.0V
3.3V
10A
Positive
0.139"
NEF0100501B0C 8.3V - 14.0V
5.0V
10A
Positive
0.139"
NEF0100101S0C 8.3V - 14.0V
1.0V
10A
Positive
SMT
NEF0100121S0C 8.3V - 14.0V
1.2V
10A
Positive
SMT
NEF0100151S0C 8.3V - 14.0V
1.5V
10A
Positive
SMT
NEF0100181S0C 8.3V - 14.0V
1.8V
10A
Positive
SMT
NEF0100201S0C 8.3V - 14.0V
2.0V
10A
Positive
SMT
NEF0100251S0C 8.3V - 14.0V
2.5V
10A
Positive
SMT
NEF0100331S0C 8.3V - 14.0V
3.3V
10A
Positive
SMT
NEF0100501S0C 8.3V - 14.0V
5.0V
10A
Positive
SMT
NEF0100100B0C 8.3V - 14.0V
1.0V
10A
Negative
0.139"
NEF0100120B0C 8.3V - 14.0V
1.2V
10A
Negative
0.139"
NEF0100150B0C 8.3V - 14.0V
1.5V
10A
Negative
0.139"
NEF0100180B0C 8.3V - 14.0V
1.8V
10A
Negative
0.139"
NEF0100200B0C 8.3V - 14.0V
2.0V
10A
Negative
0.139"
NEF0100250B0C 8.3V - 14.0V
2.5V
10A
Negative
0.139"
NEF0100330B0C 8.3V - 14.0V
3.3V
10A
Negative
0.139"
NEF0100500B0C 8.3V - 14.0V
5.0V
10A
Negative
0.139"
NEF0100100S0C 8.3V - 14.0V
1.0V
10A
Negative
SMT
NEF0100120S0C 8.3V - 14.0V
1.2V
10A
Negative
SMT
NEF0100150S0C 8.3V - 14.0V
1.5V
10A
Negative
SMT
NEF0100180S0C 8.3V - 14.0V
1.8V
10A
Negative
SMT
NEF0100200S0C 8.3V - 14.0V
2.0V
10A
Negative
SMT
NEF0100250S0C 8.3V - 14.0V
2.5V
10A
Negative
SMT
NEF0100330S0C 8.3V - 14.0V
3.3V
10A
Negative
SMT
NEF0100500S0C 8.3V - 14.0V
5.0V
10A
Negative
SMT
NEA0101500B0C 8.3V - 14.0V
0.75V – 5.0V 10A
Negative
0.139"
NEA0101500S0C 8.3V - 14.0V
0.75V – 5.0V 10A
Negative
SMT
NEA0101501B0C 8.3V - 14.0V
0.75V – 5.0V 10A
Positive
0.139"
NEA0101501S0C 8.3V - 14.0V
0.75V – 5.0V 10A
Positive
SMT


유사한 부품 번호 - NEF0100200B0C

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
NEF0101500B0-XC MURATA-PS-NEF0101500B0-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101500BP-XC MURATA-PS-NEF0101500BP-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101500S0-XC MURATA-PS-NEF0101500S0-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101500SP-XC MURATA-PS-NEF0101500SP-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101501B0-XC MURATA-PS-NEF0101501B0-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
More results

유사한 설명 - NEF0100200B0C

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
   Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com