전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLC100-22 데이터시트(PDF) 7 Page - Murata Power Solutions Inc.

부품명 SLC100-22
상세설명  40 Amp Single Output Quarter Brick DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA-PS [Murata Power Solutions Inc.]
홈페이지  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SLC100-22 데이터시트(HTML) 7 Page - Murata Power Solutions Inc.

  SLC100-22 Datasheet HTML 1Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 2Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 3Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 4Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 5Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 6Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 7Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 8Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
SLC100 Rev B
5/2004
Output Over-Voltage Protection
The SLC100 has an output over voltage protection
(OVP) circuit which monitors its own output voltage. If
the output voltage of the converter exceeds between
120% and 140% of the nominal rating, the OVP circuit
will shut down the converter. Once the OVP has been
tripped the unit will need to be reset by cycling the input
power or by toggling the ON/OFF power before normal
operation can resume.
SLC100 units with a non-latching OVP feature are avail-
able on request. Please contact the factory for further
details.
Safety
The SLC100 meets safety requirements per UL/CUL
60950 and VDE EN60950, basic insulation rating.
EMC/EMI Considerations
Analysis pending.
Performance Characterization
Thermal Derating
Maximum output current vs. ambient temperature at
various airflow rates has been determined for each
model of the SLC100. Each model was analyzed over
an ambient temperature range of 0 to 85oC and at air
flows up to 600LFM. Temperature limits for thermal
derating curves were TBD C for semiconductor junction
temperature and TBD C for board temperature.
Efficiency Performance
Efficiency data for each model was determined as
a function of both load current and input voltage.
Efficiency vs. Input Voltage was measured at full load,
ambient temperature of 25oC and airflow of 300LFM.
Efficiency vs. Load Current was measured at 25oC, a
nominal input voltage of 48Vdc and airflow of 300LFM.
Graphs are provided for each model in their respective
Start-Up, ON/OFF and Transient Response
For each model, waveforms are provided showing
output voltage response and timing of input voltage
power up/down, remote ON/OFF state change and
load current transient responses. Output voltage
transient responses are provided for step load changes
of 50% to 75% &
75% to 50% of rated load current. Waveforms for each
APPLICATION NOTES


유사한 부품 번호 - SLC100-22

제조업체부품명데이터시트상세설명
logo
C&D Technologies
SLC100-22 CANDD-SLC100-22 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

유사한 설명 - SLC100-22

제조업체부품명데이터시트상세설명
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com