전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS1005 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALS1005
상세설명  HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS1005 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ALS1005 Datasheet HTML 1Page - Texas Instruments SN74ALS1005 Datasheet HTML 2Page - Texas Instruments SN74ALS1005 Datasheet HTML 3Page - Texas Instruments SN74ALS1005 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SN54ALS1005, SN74ALS1005
HEX INVERTING BUFFERS
WITH OPEN-COLLECTOR OUTPUTS
SDAS240A – APRIL 1982 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Buffer Versions of ′ALS05A
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain six independent inverting
buffers. They perform the Boolean function Y = A.
The
open-collector
outputs
require
pullup
resistors to perform correctly. These outputs can
be connected to other open-collector outputs to
implement active-low wired-OR or active-high
wired-AND functions. Open-collector devices are
often used to generate higher VOH levels.
The SN54ALS1005 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ALS1005 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic symbol
logic diagram (positive logic)
1
1A
1Y
2
3
2A
2Y
4
5
3A
3Y
6
9
4A
4Y
8
11
5A
5Y
10
13
6A
6Y
12
6A
6Y
5A
5Y
4A
4Y
3A
3Y
2A
2Y
1Y
1A
1
3
5
9
11
13
2
4
6
8
10
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS1005 ...J PACKAGE
SN74ALS1005 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54ALS1005 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - SN74ALS1005

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS1005 TI1-SN74ALS1005 Datasheet
756Kb / 14P
[Old version datasheet]   HEX INVERTING BUFFERS
SN74ALS1005D TI1-SN74ALS1005D Datasheet
756Kb / 14P
[Old version datasheet]   HEX INVERTING BUFFERS
SN74ALS1005DG4 TI1-SN74ALS1005DG4 Datasheet
756Kb / 14P
[Old version datasheet]   HEX INVERTING BUFFERS
SN74ALS1005DR TI1-SN74ALS1005DR Datasheet
756Kb / 14P
[Old version datasheet]   HEX INVERTING BUFFERS
SN74ALS1005DRG4 TI1-SN74ALS1005DRG4 Datasheet
756Kb / 14P
[Old version datasheet]   HEX INVERTING BUFFERS
More results

유사한 설명 - SN74ALS1005

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM7406 FAIRCHILD-DM7406 Datasheet
49Kb / 4P
   Hex Inverting Buffers with High Voltage Open-Collector Outputs
logo
National Semiconductor ...
DM5406 NSC-DM5406 Datasheet
106Kb / 4P
   Hex Inverting Buffers with High Voltage Open-Collector Outputs
logo
Fairchild Semiconductor
DM7416 FAIRCHILD-DM7416 Datasheet
35Kb / 3P
   Hex Inverting Buffers with High Voltage Open-Collector Outputs
logo
Integral Corp.
IN74LS06 INTEGRAL-IN74LS06 Datasheet
87Kb / 3P
   Hex Inverted Buffers with Open-Collector Outputs
logo
Fairchild Semiconductor
DM74ALS1005 FAIRCHILD-DM74ALS1005 Datasheet
48Kb / 4P
   Hex Inverting Driver with Open Collector Outputs
logo
Texas Instruments
DM5416 TI1-DM5416 Datasheet
343Kb / 6P
[Old version datasheet]   DM5416 DM7416 Hex Inverting Buffers with High Voltage Open-Collector Outputs
SN54ALS1035 TI1-SN54ALS1035_15 Datasheet
705Kb / 14P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
List of Unclassifed Man...
DV74ALS1005 ETC1-DV74ALS1005 Datasheet
182Kb / 2P
   Hex Inverting Drivers with Open Collector Outputs
logo
KODENSHI_AUK CORP.
KK74LS06 KODENSHI-KK74LS06 Datasheet
193Kb / 4P
   Hex Inverted Buffers with Open-Collector Outputs
logo
Texas Instruments
SN54ALS1035 TI-SN54ALS1035_07 Datasheet
617Kb / 15P
[Old version datasheet]   HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com