전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VZL-2780C2 데이터시트(PDF) 2 Page - Communications & Power Industries, Inc.

부품명 VZL-2780C2
상세설명  500W L-Band TWT Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CPI [Communications & Power Industries, Inc.]
홈페이지  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZL-2780C2 데이터시트(HTML) 2 Page - Communications & Power Industries, Inc.

  VZL-2780C2 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZL-2780C2 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S/C-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 207, ISSUE 1
06/07
PDF
SPECIFICATIONS, VZS/C-2780C2
Electrical
Frequency
2.0 to 8.0 GHz
TWT Model Number
VTG6292 (modified)
Output Power
TWT
320 W min. (each)
Flange
500 W min.
Bandwidth
6.0 GHz
Gain
57 dB min. at rated power output;
57 dB typ. at small signal
RF Level Adjust
0 to 20 dB continuous
Output Power Adjustability
±0.1 dB
Gain Stability (typical)
±0.25 dB/24 hr max.
(at constant drive and temp.)
Small Signal Gain Slope
0.02 dB/MHz max.
Small Signal Gain Variation
10.0 dB pk-pk max. over the
(typical)
6 GHz bandwidth
Input/Output VSWR
1.25:1 max.
Load VSWR
2.0:1 max. for full spec compliance;
any value without damage
Residual AM
-45 dBc up to 4 kHz;
-20 [1.25 + log F (kHz)] dBc,
4 kHz to 500 kHz (F in kHz);
-80 dBc above 500 kHz
Harmonic Content
-6 dBc typ. at 8 GHz
Primary Power
208/120 V ±10%, or
3 phase, 5 wire
380-415/220-240 V ±10%, 47-63 Hz;
5 wires are: Phase 1, 2 & 3, neutral
and ground connection. Neutral (wire 5
can be used if available)
Power Factor
0.90 min. (at 50 Hz)
Power Consumption
6.9 kVA typ.
7.5 kVA max.
Environmental (Operating)
Ambient Temperature
-10° to +40°C operating
-20° to +70°C non-operating
Relative Humidity
95% non-condensing
Altitude
Up to 10,000 ft (3000 m) with standard
adiabatic derating of 2°/1000 ft.
Shock and Vibration
Designed to meet conditions normally
encountered in the laboratory
Acoustic Noise
72 dBA one meter from front panel
Mechanical
Cooling (TWT)
Forced air with integral blower
and power supply fan. Maximum
external pressure loss allowable:
0.25 inch water gauge.
RF Input Connection
Type N female
RF Output Connection
Type SC female
RF Power Monitors
Type-N female
Dimensions (W x H x D)
RF Drawer
19 x 17.5 x 28 in.
(483 x 445 x 711 mm)
Power Supply
19 x 8.75 x 24 in.
(483 x 223 x 610 mm)
Weight
RF Drawer
180 lbs (82 kg)
Power Supply
100 lbs (45 kg)
Interconnect
10 lbs (4.5 kg)
OPTIONS &
COMP ANION
PRODUCTS:
• Mimic Remote Control
Panel
Certificate Number: 30515


유사한 부품 번호 - VZL-2780C2

제조업체부품명데이터시트상세설명
logo
Communications & Power ...
VZL-3530J1 CPI-VZL-3530J1 Datasheet
154Kb / 2P
   4.0 kW Compact Pulse Amplifier
VZL-6943J2 CPI-VZL-6943J2 Datasheet
135Kb / 2P
   Compact Medium Power Amplifier
More results

유사한 설명 - VZL-2780C2

제조업체부품명데이터시트상세설명
logo
Communications & Power ...
VZM-2780C2 CPI-VZM-2780C2 Datasheet
157Kb / 2P
   500W M-Band TWT Amplifier
VZS-2780C2 CPI-VZS-2780C2 Datasheet
157Kb / 2P
   500W S/C-Band TWT Amplifier
VTU-6397D4X CPI-VTU-6397D4X Datasheet
89Kb / 1P
   500W DBS-Band Helix TWT Series
VZU-6995VX CPI-VZU-6995VX Datasheet
140Kb / 2P
   500W Outdoor TWT Medium Power Amplifier
VZX-2783C1 CPI-VZX-2783C1 Datasheet
157Kb / 2P
   1.0kW X-Band TWT Amplifier
VTL-6242F1 CPI-VTL-6242F1 Datasheet
96Kb / 1P
   200 W L-Band Helin TWT Series
VTL-6242L1 CPI-VTL-6242L1 Datasheet
96Kb / 1P
   200 W L-Band Helix TWT Series
VTL5341H3 CPI-VTL5341H3 Datasheet
353Kb / 1P
   Long life L-Band ring loop TWT
VTL-6242L2Z CPI-VTL-6242L2Z Datasheet
96Kb / 1P
   250 W L-Band Helix TWT Series
logo
DAICO Industries, Inc.
CAMH9223 DAICO-CAMH9223 Datasheet
228Kb / 1P
   L-Band Pre-Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com