전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF12 데이터시트(PDF) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

부품명 UF12
상세설명  UF cores and UI cores
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
홈페이지  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

UF12 데이터시트(HTML) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  UF12 Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. UF12 Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-0.2
UF16A
16.0±0.4
10.0±0.2
6.0±0.2
6.7
4.57
6.0±0.15
UF19
19.7±0.5
18.25±0.25
5.9±0.2
7.4
6.0
12.2±0.2
UF20
19.7±0.3
17.7±0.2
6.0±0.2
7.4
6.0±0.2
11.7±0.2
UI25.4
25.5 +0.4
-0.3
16.25 +0.25
-0
6.25 +0.1
-0.15
12.4
6.45
10.0 +0.3
-0
6.25 +0.1
-0.05
UF30
30.0±0.6
12.1±0.3
3.2±0.2
17.0
6.2±0.3
6.1±0.3
UF30A
30.0±0.5
12.7±0.15
6.25±0.15
17.3
6.25
6.2 +0.25
-0
UF33
33.0±0.5
13.8±0.15
7.25 +0.2
-0.15
18.0
7.3
6.2 +0.25
-0
UI17
16.3±0.3
8.7±0.3
5.0±0.2
10.6
2.7±0.2
6.4 +0.3
-0.2
2.8±0.2
UI25
25.0±0.5
16.0±0.2
6.2±0.2
12.7
6.2±0.3
10.0±0.3
6.0±0.3
s
Core parameter
Al(nH/N²)
Type
C1
(mm-1)
Ae
(mm2)
Ie
(mm)
Ve
(mm3)
weight (g/pr.)
F5(±25%)
F7(±25%)
F10(±25%)
UF8.5
4.05
7.76
31.4
243
1.2
675
830
1215
UF8.6
4.1
7.8
32.2
251.9
1.3
960
1500
UF9.8
4.3
8.1
34.33
275.9
1.4
1300
1500
1800
UF9.8A
4.46
7.60
34.2
262
1.3
755
885
1095
UF10.1
4.15
8.6
35.7
307
1.5
1005
1100
UF10.5
3.25
12.7
39.9
506.1
2.8
1500
1800
2200
UF10.5A
3.2
12.5
40.1
501
2.5
930
1160
1685
UF12
2.65
15.6
41.3
645
3.2
1200
1420
UF15A
1.71
30.5
52.3
1600
8.0
1840
2380
UF15.7
2.01
24.8
50
1240
6.5
2600
2600
3250
UF16
1.97
27.2
51.9
1412.6
7.4
2600
3300
4000
UF16A
1.97
25.9
51.0
1320
6.9
1610
2075
2700
UF19
2.29
35.3
81.0
2860
15
1590
2080
UF20
2.25
36.0
81.0
2916
15
2100
2750
3800
UI25.4
1.65
38.9
64.3
2500
19
2600
UF30
2.04
38.3
77.9
2985.9
15.3
3080
4300
6150
UF30A
2.06
39.1
80.4
3140
17
2800
UF33
1.59
53.7
85.7
4600
23
3000
UI17
2.58
14.0
36.1
505.4
2.6
1500
UI25
1.68
38.9
65.5
2551
12.8
2500
AL:1kHz,0.5mA,100Ts
Copyright 2005 YUXIANG Magnetic Materials Ind. Co.,Ltd.All Rights Reserved.
Add:16F1,jinyuan building,NO.57,hubin S.Rd.,Xiamen,China.361004
Tel : (86)592 2225286 (86)592 2219816 (86)592 2217138 Fax: (86)592 2207122
Email : magnetcom@gmail.com sales@magnet-tech.com


유사한 부품 번호 - UF12

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
UF120 MICROSEMI-UF120 Datasheet
91Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF120 MICROSEMI-UF120 Datasheet
105Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
UF120 DIGITRON-UF120 Datasheet
105Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
UF1200 GULFSEMI-UF1200 Datasheet
126Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
logo
Microsemi Corporation
UF120SM MICROSEMI-UF120SM Datasheet
92Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results

유사한 설명 - UF12

제조업체부품명데이터시트상세설명
logo
PREMO CORPORATION S.L
LF1922-752 PREMO-LF1922-752 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
logo
YUXIANG Magnetc materia...
EER25 YUXIANG-EER25 Datasheet
105Kb / 2P
   EER CORES. ETD CORES
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
PQ26 FERROXCUBE-PQ26 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ32 FERROXCUBE-PQ32 Datasheet
65Kb / 6P
   PQ cores and accessories
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CPH-EFD12-1S-8P-Z FERROXCUBE-CPH-EFD12-1S-8P-Z Datasheet
9Kb / 1P
   EFD cores and accessories
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com