전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VZK-2790J1 데이터시트(PDF) 1 Page - Communications & Power Industries, Inc.

부품명 VZK-2790J1
상세설명  150W CW TWT Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CPI [Communications & Power Industries, Inc.]
홈페이지  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZK-2790J1 데이터시트(HTML) 1 Page - Communications & Power Industries, Inc.

  VZK-2790J1 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZK-2790J1 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
150W CW TWT Power Amplifier
for EMI/EMC Testing & Communications
811 Hansen Way
P.O. Box 51625, Palo Alto, CA 94303
tel: +1 (650) 846-3803
fax: +1 (650) 424-1744
e-mail: marketing@satcom.cpii.com
www.cpii.com/satcom
Plays in the Rain
Rugged, compact and lightweight amplifier
designed for outdoor use.
Efficient and Cost Effective
Mounting at the antenna improves
performance through minimized cable losses
and saves cost in system design. Employs
a high efficiency helix traveling wave tube,
reducing operating costs.
Simple to Operate
User-friendly microprocessor-controlled logic
with integrated RS422/485 computer interface.
Digital metering is standard.
Easy to Maintain
Modular design and built-in fault diagnostic
capability via remote monitor and control.
The New
VZK-2790J1
Series
150 watt CW
K-band TWT
Power Amplifier—
Environmentally
sealed compact
design for outdoor
operation
Global Applications
Meets International Safety Standard EN-60215,
Electromagnetic Compatibility 89/336/EEC
and Harmonic Standard EN-61000-3-2 to
satisfy worldwide requirements.
Worldwide Support
Backed by over three decades of satellite
communications experience, and CPI’s
worldwide 24-hour customer support network
that includes fifteen regional factory
service centers.
K-Band


유사한 부품 번호 - VZK-2790J1

제조업체부품명데이터시트상세설명
logo
Communications & Power ...
VZK-6901J1 CPI-VZK-6901J1 Datasheet
140Kb / 2P
   VSTAR짰 30 Millimeter TWT Amplifier
More results

유사한 설명 - VZK-2790J1

제조업체부품명데이터시트상세설명
logo
Communications & Power ...
VTU6391A CPI-VTU6391A Datasheet
51Kb / 1P
   CW Coupled Cavity TWT
VTU5692C CPI-VTU5692C Datasheet
53Kb / 1P
   CW Coupled Cavity TWT
VTC6660E CPI-VTC6660E Datasheet
39Kb / 1P
   CW Coupled Cavity TWT
VTC6660C CPI-VTC6660C Datasheet
39Kb / 1P
   CW Coupled Cavity TWT
VTL-6242L2 CPI-VTL-6242L2 Datasheet
87Kb / 1P
   250 W, CW Helix TWT Series
VTM-6196R1 CPI-VTM-6196R1 Datasheet
84Kb / 1P
   20 W, CW Helix TWT Series
VTM-6096R1 CPI-VTM-6096R1 Datasheet
84Kb / 1P
   12 W, CW Helix TWT Series
VTM-6195R1 CPI-VTM-6195R1 Datasheet
84Kb / 1P
   28 W, CW Helix TWT Series
VTS-6252F1 CPI-VTS-6252F1 Datasheet
84Kb / 1P
   200 W, CW Helix TWT Series
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
   TWT Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com