전자부품 데이터시트 검색엔진 |
|
SN74AS576N 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
SN74AS576N 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 18 page SN54ALS576B, SN54AS576 SN74ALS576B, SN74ALS577A, SN74AS576 OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS SDAS065B – DECEMBER 1982 – REVISED JANUARY 1995 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54AS576 SN74AS576 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = – 18 mA – 1.2 – 1.2 V VCC = 4.5 V to 5.5 V, IOH = – 2 mA VCC –2 VCC –2 VOH VCC =4 5V IOH = – 12 mA 2.4 3.2 V VCC = 4.5 V IOH = – 15 mA 2.4 3.3 VOL VCC =4 5V IOL = 32 mA 0.29 0.5 V VOL VCC = 4.5 V IOL = 48 mA 0.33 0.5 V IOZH VCC = 5.5 V, VO = 2.7 V 50 50 µA IOZL VCC = 5.5 V, VO = 0.4 V –50 –50 µA II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL D VCC =5 5V VI =0 4V –3 –2 mA IIL All others VCC = 5.5 V, VI = 0.4 V – 0.5 – 0.5 mA IO‡ VCC = 5.5 V, VO = 2.25 V –30 –112 –30 –112 mA Outputs high 77 125 77 125 ICC VCC = 5.5 V Outputs low 84 135 84 135 mA Outputs disabled 84 135 84 135 † All typical values are at VCC = 5 V, TA = 25°C. ‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, R1 = 500 Ω, R2 = 500 Ω, TA = MIN to MAX§ UNIT SN54AS576 SN74AS576 MIN MAX MIN MAX fmax* 100 125 MHz tPLH CLK An Q 3 11 3 8 ns tPHL CLK Any Q 4 11 4 9 ns tPZH OE An Q 2 7 2 6 ns tPZL OE Any Q 3 11 3 10 ns tPHZ OE Any Q 2 7 2 6 ns tPLZ OE Any Q 2 7 2 6 ns * On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data but is not production tested. § For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. |
유사한 부품 번호 - SN74AS576N |
|
유사한 설명 - SN74AS576N |