전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWH-45B 데이터시트(PDF) 10 Page - Cooper Bussmann, Inc.

부품명 FWH-45B
상세설명  High Speed Fuses
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWH-45B 데이터시트(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button FWH-45B Datasheet HTML 6Page - Cooper Bussmann, Inc. FWH-45B Datasheet HTML 7Page - Cooper Bussmann, Inc. FWH-45B Datasheet HTML 8Page - Cooper Bussmann, Inc. FWH-45B Datasheet HTML 9Page - Cooper Bussmann, Inc. FWH-45B Datasheet HTML 10Page - Cooper Bussmann, Inc. FWH-45B Datasheet HTML 11Page - Cooper Bussmann, Inc. FWH-45B Datasheet HTML 12Page - Cooper Bussmann, Inc. FWH-45B Datasheet HTML 13Page - Cooper Bussmann, Inc. FWH-45B Datasheet HTML 14Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
96
High Speed Fuses
North American — FWX 250V: 35-2500A
104
103
102
102
103
104
101
100
10–1
10–2
10–3
10–4
2
Prospective Current In Ampere RMS
FWX-800A
FWX-600A
FWX-500A
FXW-400A
FWX-350A
FWX-200A
FWX-150A
FWX-70A
FWX-60A
FWX-40A
FWX-35A
FWX-100A
10
3
2
24
6
8
2
10
4
24
6
8
10
5
2
4
6
2
6
4
10
0
2
6
4
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
10
–1
10
–2
10
–3
10
–4
10
2
10
1
10
3
10
4
FWX-2500AH
FWX-2000AH
FWX-1600AH
FWX-1500AH
FWX-1200AH
FWX-1000AH
Prospective Current In Amperes RMS
FWX 1000-2500A(H): 250V
Time-Current Curve
FWX 35-800A: 250V
Time-Current Curve
FWX-150A
FWX-100A
FWX-70A
FWX-60A
FWX-45A
FWX-35A
FWX-200A
FWX-300A
FWX-400A
FWX-600A
FWX-800A
10
2
10
3
10
4
10
5
10
2
10
3
10
4
10
5
Prospective Short-Circuit Current Symmetrical RMS
A
B
Prospective Short-Circuit Current Symmetrical RMS
2
6
4
2
6
4
24
6
2
4
6
24
6
10
3
10
4
10
5
FWX-2000AH
FWX-1600AH
FWX-1500AH
FWX-1200AH
FWX-1000AH
10
3
10
4
10
5
FWX-2500AH
Peak Let-Through Curve
Peak Let-Through Curve
Data Sheet: 359
Data Sheet: 35785299


유사한 부품 번호 - FWH-45B

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
FWH-45B COOPER-FWH-45B Datasheet
50Kb / 2P
   Electrical Characteristics
FWH-45B COOPER-FWH-45B Datasheet
50Kb / 2P
   FWH 500V 35-1600A
FWH-45B COOPER-FWH-45B Datasheet
50Kb / 2P
   Electrical Characteristics
FWH-45B COOPER-FWH-45B Datasheet
50Kb / 2P
   FWH 500V 35-1600A
More results

유사한 설명 - FWH-45B

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
   PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com