전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA4411M 데이터시트(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

부품명 TPA4411M
상세설명  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
홈페이지  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411M 데이터시트(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA4411M Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 1.8 V,
RL = 32 Ω
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1 k
10 k
100 k
1.8 V
3 V
4.5 V
RL = 32 Ω
f − Frequency − Hz
3.6 V
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 1.8 V,
RL = 16 Ω
0
50
100
150
200
250
300
0
50
100
150
200
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 3 V,
RL = 16 Ω
PO − Output Power − mW
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
In Phase
180
° Out of Phase
VDD = 3.6 V,
RL = 16 Ω
0
20
40
60
80
100
120
140
160
0
50
100
150
200
PO − Output Power − mW
In Phase
VDD = 3 V,
RL = 32 Ω
180
° Out of Phase
PO − Output Power − mW
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
In Phase
180
° Out of Phase
VDD = 4.5 V,
RL = 32 Ω
0
50
100
150
200
250
0
50
100
150
200
250
300
350
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 3.6 V,
RL = 32 Ω
0
100
200
300
400
500
600
0
50
100
150
200
250
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 4.5 V,
RL = 16 Ω
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
SUPPLY VOLTAGE
REJECTION RATIO
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
FREQUENCY
OUTPUT POWER
OUTPUT POWER
Figure 34.
Figure 35.
Figure 36.
POWER DISSIPATION
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 37.
Figure 38.
Figure 39.
POWER DISSIPATION
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 40.
Figure 41.
Figure 42.
Copyright © 2004–2008, Texas Instruments Incorporated
11
Product Folder Link(s): TPA4411 TPA4411M


유사한 부품 번호 - TPA4411M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4411M TI-TPA4411M Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411MRTJ TI-TPA4411MRTJ Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411MRTJR TI-TPA4411MRTJR Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411MRTJRG4 TI-TPA4411MRTJRG4 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411MRTJT TI-TPA4411MRTJT Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
More results

유사한 설명 - TPA4411M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com