전자부품 데이터시트 검색엔진 |
|
54TR-25114 데이터시트(PDF) 5 Page - JDS Uniphase Corporation |
|
54TR-25114 데이터시트(HTML) 5 Page - JDS Uniphase Corporation |
5 / 5 page NORTH AMERICA : 800 498-JDSU (5378) WEBSITE : www.jdsu.com WORLDWIDE : +800 5378-JDSU Telcordia is a registered trademark of Telcordia Technologies Incorporated. All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase Corporation. All rights reserved. 10116510 Rev. 003 54TR.DS.CMS.AE Ordering Information For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com. 2.5 GB/S TRANSPONDER WITH MUX/DEMUX (1310 AND 1550 NM) Sample: 54TR-21114 Code Optical Reach 1Long reach Code Temperature Range 1 Standard, -5 to 70 °C 2Extended, -40 to 80 °C 3 Intermediate, -5 to 75 °C Code Connector Type 1 SC/SPC 2 ST/SPC 3LC/SPC 4FC/SPC 5MU/SPC Code Wavelength Option 2 1310 nm 3 1550 nm 54TR- Code IPDMON Maximum Current Output 0Not required 11 mA 22 mA 33 mA 44 mA October 2006 |
유사한 설명 - 54TR-25114 |