전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5240B 데이터시트(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

부품명 1N5240B
상세설명  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
홈페이지  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

1N5240B 데이터시트(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  1N5240B Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 1N5240B Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 1N5240B Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
SILICON PLANAR POWER ZENER DIODES
Zener Voltage range
1)
Dynamic
recsistance
3)
Reverse
leakage
current
Temp
coefficient
Zener Voltage
Vznom
4)
IZT
for
VZT
2)
rZJT
Rzjt at
Izk
IR
2)
at
VR
TKVZ
TYPE
V
mA
V
Ω
Ω
mA
µA
V
%/K
1N5221B
2.4
20
2.28
2.52
30
1200
0.25
100
1
-0.085
…0
1N5222B
2.5
20
2.38
2.63
30
1250
0.25
100
1
-0.085
…0
1N5223B
2.7
20
2.57
2.84
30
1300
0.25
75
1
-0.080
…0
1N5224B
3.0
20
2.85
3.15
29
1600
0.25
50
1
-0.075
…0
1N5225B
3.3
20
3.14
3.47
28
1600
0.25
25
1
-0.070
…0
1N5226B
3.6
20
3.42
3.78
24
1700
0.25
15
1
-0.065
…0
1N5227B
3.9
20
3.71
4.10
23
1900
0.25
10
1
-0.060
…0
1N5228B
4.3
20
4.09
4.52
22
2000
0.25
5
1
-0.055
…+0.055
1N5229B
4.7
20
4.47
4.94
19
1900
0.25
5
2
-0.030
…+0.030
1N5230B
5.1
20
4.85
5.36
17
1600
0.25
5
2
-0.030
…+0.030
1N5231B
5.6
20
5.32
5.88
11
1600
0.25
5
3
0
…0.038
1N5232B
6
20
5.70
6.30
7
1600
0.25
5
3.5
0
…0.038
1N5233B
6.2
20
5.89
6.51
7
1000
0.25
5
4
0
…0.045
1N5234B
6.8
20
6.46
7.14
5
750
0.25
3
5
0
…0.050
1N5235B
7.5
20
7.13
7.88
6
500
0.25
3
6
0
…0.058
1N5236B
8.2
20
7.79
8.61
8
500
0.25
3
6.5
0
…0.062
1N5237B
8.7
20
8.27
9.14
8
600
0.25
3
6.5
0
…0.065
1N5238B
9.1
20
8.65
9.56
10
600
0.25
3
7
0
…0.068
1N5239B
10
20
9.50
10.50
17
600
0.25
2
8
0
…0.075
1N5240B
11
20
10.45
11.55
22
600
0.25
2
8.4
0
…0.076
1N5241B
12
20
11.40
12.60
30
600
0.25
1
9.1
0
…0.077
1N5242B
13
9.5
12.35
13.65
13
600
0.25
0.5
9.9
0
…0.079
1N5243B
14
9
13.30
14.70
15
600
0.25
0.1
10
0
…0.082
1N5244B
15
8.5
14.25
15.75
16
600
0.25
0.1
11
0
…0.082
1N5245B
16
7.8
15.20
16.80
17
600
0.25
0.1
12
0
…0.083
1N5246B
17
7.4
16.15
17.85
19
600
0.25
0.1
13
0
…0.084
1N5247B
18
7
17.10
18.90
21
600
0.25
0.1
14
0
…0.085
1N5248B
19
6.6
18.05
19.95
23
600
0.25
0.1
14
0
…0.086
1N5249B
20
6.2
19.00
21.00
25
600
0.25
0.1
15
0
…0.086
1N5250B
22
5.6
20.90
23.10
29
600
0.25
0.1
17
0
…0.087
1N5251B
24
5.2
22.80
25.20
33
600
0.25
0.1
18
0
…0.088
1N5252B
25
5
23.75
26.25
35
600
0.25
0.1
19
0
…0.089
1N5253B
27
4.6
25.65
28.35
41
600
0.25
0.1
21
0
…0.090
1N5254B
28
4.5
26.60
29.40
44
600
0.25
0.1
21
0
…0.091
1N5255B
30
4.2
28.50
31.50
49
600
0.25
0.1
23
0
…0.091
1N5256B
33
3.8
31.35
34.65
58
700
0.25
0.1
25
0
…0.092
1N5257B
36
3.4
34.20
37.80
70
700
0.25
0.1
27
0
…0.093
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


유사한 부품 번호 - 1N5240B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N5240B VISHAY-1N5240B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5240B VISHAY-1N5240B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5240B MCC-1N5240B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5240B VISHAY-1N5240B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Tak Cheong Electronics ...
1N5240B TAK_CHEONG-1N5240B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - 1N5240B

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com